Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2615 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 29Page - STMicroelectronics AN2615 Datasheet HTML 30Page - STMicroelectronics AN2615 Datasheet HTML 31Page - STMicroelectronics AN2615 Datasheet HTML 32Page - STMicroelectronics AN2615 Datasheet HTML 33Page - STMicroelectronics AN2615 Datasheet HTML 34Page - STMicroelectronics AN2615 Datasheet HTML 35Page - STMicroelectronics AN2615 Datasheet HTML 36Page - STMicroelectronics AN2615 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
AN2615
Software flow
35/37
D.1
Code size
The software given is for guidance only. Here the display is done for up to 10 µV precision.
The user can modify and use their own code for display of the data. Table 4 summarizes the
code size. Depending on the compiler and memory placement, these values can change.
The RAM requirements are not provided and the user has the choice to place the variables
as global or local.
.
Note:
Some floating point operations are used in this software for display purposes only. It is left to
the user to use the floating point operation or not as per his application requirement.
Table 4.
Code size
No.
Function name
Code size ( bytes)
ADCSys
1
Acquisition
128
2
Start_Capturing
7
3
Reset_ADC
5
4
ADC_InitializeVar
29
5
IsCaptured
13
6
Delay_Second
44
7
IO_Init
37
8
TimerA_Init
47
9
Timer_Interrupt_Routine
170
Main
10
main
1493
11
TIMERA_IT_Routine
38
12
Conversion_TimerReadingToREALInput
116
13
SCI_Init
25
14
SCI_SendBuffer
30
15
SCI_IsTransmissionCompleted
8
16
Dummy_Capturing
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com