Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2615 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 29Page - STMicroelectronics AN2615 Datasheet HTML 30Page - STMicroelectronics AN2615 Datasheet HTML 31Page - STMicroelectronics AN2615 Datasheet HTML 32Page - STMicroelectronics AN2615 Datasheet HTML 33Page - STMicroelectronics AN2615 Datasheet HTML 34Page - STMicroelectronics AN2615 Datasheet HTML 35Page - STMicroelectronics AN2615 Datasheet HTML 36Page - STMicroelectronics AN2615 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AN2615
Bill of materials
33/37
Micro setup
R12
10
kΩ
Resistor
R11
10
kΩ
Resistor
U2
ST72F264
Micro-controller
C12
100 nF
Capacitor
Y1
16 MHz
Crystal oscillator
Crystal
C17
22 pF
Capacitor
C16
22 pF
Capacitor
R9
1
kΩ
Resistor
Reset
R8
4.7
kΩ
Resistor
C15
100 pF
Capacitor
S1
Push button
Micro switch
J4
CON-2
jumper
DC power
C4
10 µF/25 V
Capacitor
C5
100 nF
Capacitor
C1
100 nF
Capacitor
C3
220 µF/25 V
Capacitor
C2
220 µF/25 V
Capacitor
R1
330E
Resistor
J1
DC - Jack
DC - Jack
D2
LED 3mm
LED-green
U1
LM7805
Voltage regulator
D1
IN4007
Diode
J2
jumper
CON-2
J3
Power connector
2 pin connector
Table 3.
Bill of materials (continued)
Block
Designator
Part type/number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com