Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2615 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 21Page - STMicroelectronics AN2615 Datasheet HTML 22Page - STMicroelectronics AN2615 Datasheet HTML 23Page - STMicroelectronics AN2615 Datasheet HTML 24Page - STMicroelectronics AN2615 Datasheet HTML 25Page - STMicroelectronics AN2615 Datasheet HTML 26Page - STMicroelectronics AN2615 Datasheet HTML 27Page - STMicroelectronics AN2615 Datasheet HTML 28Page - STMicroelectronics AN2615 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
AN2615
Result
25/37
Figure 17 shows the relationship between measured voltages Vmeasured (average of the 16
readings measured by the converter) and input voltage Vin (as measured by the multimeter)
for negative voltages.
Figure 17.
Measured vs input for negative voltages
Figure 18.
Error vs input for negative input voltages
Figure 18, shows that for negative input voltages varying from 0 to -1 V, the maximum error
is around -2.89 mV for -1 V input. An error of 0.5 mV occurs for an input value of -269 mV
33
-778.54
-780.59
-2.05
0.37
34
-818.25
-820.42
-2.17
0.43
35
-858.27
-860.61
-2.34
0.56
36
-898.57
-901.07
-2.5
0.2
37
-938.31
-940.94
-2.63
0.67
38
-978.21
-981.03
-2.82
0.43
Table 2.
Results for negative input voltages (continued)
Sl
no
Vin (mV)
(taken from multimeter)
Vmeasured (mV)
Difference (mV)
(Vmeasured - Vin)
Error in max and min input
measured in the loop (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com