Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2628 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2628
Description  Programming ST10F27x CAN interrupt drivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2628 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2628 Datasheet HTML 2Page - STMicroelectronics AN2628 Datasheet HTML 3Page - STMicroelectronics AN2628 Datasheet HTML 4Page - STMicroelectronics AN2628 Datasheet HTML 5Page - STMicroelectronics AN2628 Datasheet HTML 6Page - STMicroelectronics AN2628 Datasheet HTML 7Page - STMicroelectronics AN2628 Datasheet HTML 8Page - STMicroelectronics AN2628 Datasheet HTML 9Page - STMicroelectronics AN2628 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Interrupt sources and identification
AN2628
6/27
1.2.3
Message-specific interrupts
Message-specific interrupts are generated by each message object. They are individually
enabled by setting bit TXIE (for transmission) or RXIE (for reception), or both, in the CAN
message objects.
Message-specific interrupts are caused by:
●
Reception of a message (data frame or remote) into the corresponding message
object.
●
Successful transmission (data frame or remote) of the corresponding message object.
Bit ‘IntPnd’ in each message object indicates that the corresponding message object has
generated an interrupt request.
Note:
Refer to Section 2.1: Message-specific interrupts for further information on decoding
message-specific interrupts.
Identifying interrupt sources
The value of IntId code in the Interrupt register identifies the interrupt source; the Status
Interrupt has the highest priority. Among the message interrupts, the Message Object’s
interrupt priority decreases with increasing message number. A message interrupt is
cleared by clearing the Message Object’s IntPnd bit. The Status Interrupt is cleared by
reading the Status register.
●
IntId = 0000h: Indicates that no (or no more) interrupt/s is/are pending.
●
IntId = 0001h to 0020h: Indicate a Message-specific Reception or Transmission from
message object 1 to 32.
●
IntId = 8000h: Indicates that a Status Change Interrupt or an Error Interrupt is pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com