Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2628 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2628
Description  Programming ST10F27x CAN interrupt drivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2628 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2628 Datasheet HTML 13Page - STMicroelectronics AN2628 Datasheet HTML 14Page - STMicroelectronics AN2628 Datasheet HTML 15Page - STMicroelectronics AN2628 Datasheet HTML 16Page - STMicroelectronics AN2628 Datasheet HTML 17Page - STMicroelectronics AN2628 Datasheet HTML 18Page - STMicroelectronics AN2628 Datasheet HTML 19Page - STMicroelectronics AN2628 Datasheet HTML 20Page - STMicroelectronics AN2628 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
AN2628
Register description
17/27
XIR1SEL (EB20h)
XBUS
Reset Value: 0000h
15
14
13
12
11
10
987
65432
10
IE.7
IE.6
IE.5
IE.4
IE.3
IE.2
IE.1
IE.0
FL.7
FL.6
FL.5
FL.4
FL.3
FL.2
FL.1
FL.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 2.
XIR1SEL register
Bit
Function
FL.0
Interrupt flag 0: CAN2 interrupt
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.1
Interrupt flag 1: I2C transmit
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.2
Interrupt flag 2: I2C receive
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.3
Interrupt flag 0: XSSC transmit
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.4
Interrupt flag 4: XSSC receive
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.5
Interrupt flag 5: XASC transmit buffer
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.6
Interrupt flag 6: XASC transmit
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.7
Interrupt flag 7: XASC receive
‘0’: No interrupt request.
‘1’: Interrupt request pending.
IE.0
Interrupt enable 0: CAN2 Interrupt
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.1
Interrupt enable 1: I2C transmit
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.2
Interrupt enable 2: I2C receive
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.3
Interrupt enable 3: XSSC transmit
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com