Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2628 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2628
Description  Programming ST10F27x CAN interrupt drivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2628 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2628 Datasheet HTML 14Page - STMicroelectronics AN2628 Datasheet HTML 15Page - STMicroelectronics AN2628 Datasheet HTML 16Page - STMicroelectronics AN2628 Datasheet HTML 17Page - STMicroelectronics AN2628 Datasheet HTML 18Page - STMicroelectronics AN2628 Datasheet HTML 19Page - STMicroelectronics AN2628 Datasheet HTML 20Page - STMicroelectronics AN2628 Datasheet HTML 21Page - STMicroelectronics AN2628 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Register description
AN2628
18/27
IE.4
Interrupt enable 4: XSSC receive
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.5
Interrupt enable 5: XASC transmit buffer
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.6
Interrupt enable 6: XASC transmit
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
IE.7
Interrupt enable 7: XASC receive
‘0’: Interrupt request disabled.
‘1’: Interrupt request enabled.
XIR3SEL (EB40h)
XBUS
Reset Value: 0000h
15
14
13
12
11
10
987
65432
10
IE.7
IE.6
IE.5
IE.4
IE.3
IE.2
IE.1
IE.0
FL.7
FL.6
FL.5
FL.4
FL.3
FL.2
FL.1
FL.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 3.
XIR3SEL register
Bit
Function
FL.0
Interrupt flag 0: CAN1 interrupt
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.1
Interrupt flag 1: CAN2 interrupt
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.2
Interrupt flag 2: I2C error
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.3
Interrupt flag 0: XSSC error
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.4
Interrupt flag 4: XASC error
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.5
Interrupt flag 5: PLL unlock / oscillator watchdog
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.6
Interrupt flag 6: XPWM channel 3...0
‘0’: No interrupt request.
‘1’: Interrupt request pending.
FL.7
Interrupt flag 7: No interrupt source associated.
Table 2.
XIR1SEL register (continued)
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com