Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2646 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 4Page - STMicroelectronics AN2646 Datasheet HTML 5Page - STMicroelectronics AN2646 Datasheet HTML 6Page - STMicroelectronics AN2646 Datasheet HTML 7Page - STMicroelectronics AN2646 Datasheet HTML 8Page - STMicroelectronics AN2646 Datasheet HTML 9Page - STMicroelectronics AN2646 Datasheet HTML 10Page - STMicroelectronics AN2646 Datasheet HTML 11Page - STMicroelectronics AN2646 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
ISO 7816 – protocol overview
AN2646 - Application note
8/43
3
ISO 7816 – protocol overview
3.1
Introduction
"ISO 7816: Identification cards -- Integrated circuit(s) cards with contacts" provides the basis
to transition the relatively simple identification card from a token that can be compromised
through forgery, theft, or loss into a tamper-resistant and "intelligent" integrated circuit card
(ICC), more popularly known as a smartcard. ISO 7816 includes at least six approved parts
and has several additional parts under review:
●
Part 1: Physical characteristics
●
Part 2: Dimensions and location of the contacts
●
Part 3: Electrical interface and transmission protocols
●
Part 3: Amendment 2-Revision of protocol type selection
●
Part 4: Organization, security and commands for interchange
●
Part 5: Registration of application providers
3.2
ISO 7816-2 – pin location
ISO 7816-2 specifies an ICC with eight electrical contacts present in a standardized position
on the front face of the card. These are referred to as C1 through C8. Some of these
contacts are electrically connected to the microprocessor chip embedded within the card;
some are not, having been defined to allow for enhancements but unused at the present
time. Figure 3 shows the contact positions.
Figure 3.
Contact definitions for smartcards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com