Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2646 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 18Page - STMicroelectronics AN2646 Datasheet HTML 19Page - STMicroelectronics AN2646 Datasheet HTML 20Page - STMicroelectronics AN2646 Datasheet HTML 21Page - STMicroelectronics AN2646 Datasheet HTML 22Page - STMicroelectronics AN2646 Datasheet HTML 23Page - STMicroelectronics AN2646 Datasheet HTML 24Page - STMicroelectronics AN2646 Datasheet HTML 25Page - STMicroelectronics AN2646 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
ISO 7816-4 – smartcard commands
AN2646 - Application note
22/43
an error category and the other is used to specify a command-specific status or error
indication.
5.2.2
File system API
The file system is used on the non-volatile memory or EEPROM. It is defined as a simple
hierarchical structure (similar to conventional file systems). The file system may contain
three types of files (identified by a 2-byte identifier):
●
Master file (MF)
●
Dedicated file (DF)
●
Elementary file (EF)
There is one master file found on each smartcard and it is the root of the file system. A
master file may contain dedicated files or elementary files. The file identifier reserved for the
master file is 3F00. The directory file is essentially a container (or directory) for elementary
files - a DF may contain zero or more EFs. Dedicated files partition the smartcard into an
ordered structure of elementary files. A dedicated file must be given a unique file identifier
within the dedicated file or master file that contains it - allowing for a unique path for each
file. A dedicated file can also be referenced by name (1-16 bytes long). The naming
convention can be found in ISO 7816-5. An elementary file is a leaf node in the hierarchy
and contains the actual data. An elementary file can be identified by a 5-bit identifier within a
dedicated file. This file system hierarchy is illustrated in Figure 9.
Figure 9.
Smartcard file system architecture(1)
1.
MF = master file, DF = dedicated file, EF = elementary file.
There are four types of elementary files:
●
Transparent file
●
Linear, fixed-length record file
●
Linear, variable-length record file
●
Cyclic, fixed-length record file
A transparent file is essentially a string of bytes, that is an unstructured binary file.
Consequently a byte offset from the start of the file is required when data is to be read or
written to this type of file. In addition, a command to read or write to a transparent file will
contain the length of the byte string to be read or written to the file.
Fixed- and variable-length files contain records that are identified by a sequence number. In
a fixed-length record file, all the records contain the same number of bytes. In contrast, a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com