Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2646 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 5Page - STMicroelectronics AN2646 Datasheet HTML 6Page - STMicroelectronics AN2646 Datasheet HTML 7Page - STMicroelectronics AN2646 Datasheet HTML 8Page - STMicroelectronics AN2646 Datasheet HTML 9Page - STMicroelectronics AN2646 Datasheet HTML 10Page - STMicroelectronics AN2646 Datasheet HTML 11Page - STMicroelectronics AN2646 Datasheet HTML 12Page - STMicroelectronics AN2646 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
AN2646 - Application note
ISO 7816 – protocol overview
9/43
Table 3.
Pin assignment
Pins
Functions
C1
VCC = 5 V or 3.3 V
C2
Reset
C3
Clock
C4
RFU
C5
GND
C6
VPP
C7
I/O
C8
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com