Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2646 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2646 Datasheet HTML 1Page - STMicroelectronics AN2646 Datasheet HTML 2Page - STMicroelectronics AN2646 Datasheet HTML 3Page - STMicroelectronics AN2646 Datasheet HTML 4Page - STMicroelectronics AN2646 Datasheet HTML 5Page - STMicroelectronics AN2646 Datasheet HTML 6Page - STMicroelectronics AN2646 Datasheet HTML 7Page - STMicroelectronics AN2646 Datasheet HTML 8Page - STMicroelectronics AN2646 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
AN2646 - Application note
Smartcard interface description
5/43
to the card. The length of an ETU is a bit time. The UART1 transmitter output and receiver
input are internally connected through the Rx_SW line. For the transmission of data from the
STM8S20x to the smartcard, the UART1 must be set up in smartcard mode.
Figure 1.
ISO 7816-3 asynchronous protocol
1.4
Smartcard clock generator
The smartcard clock generator provides a clock signal to the connected smartcard. The
smartcard uses this clock to derive the baud rate clock for the serial I/O between the
smartcard and another UART1. The clock is also used for the CPU in the card, if present.
Operation of the smartcard interface requires that the clock rate to the card is adjusted while
the CPU in the card is running code so that the baud rate can be changed or the
performance of the card can be increased. The protocols that govern the negotiation of
these clock rates and the altering of the clock rate are detailed in the ISO 7816-3 standard.
The clock is used as the CPU clock for the smartcard, therefore updates to the
microcontroller clock rate must be synchronized to the smartcard clock, that is the clock high
or low pulse widths must not be shorter than either the old or new programmed value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com