Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2822 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2822
Description  STM8S and STM8A high speed internal oscillator calibration
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2822 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2822 Datasheet HTML 7Page - STMicroelectronics AN2822 Datasheet HTML 8Page - STMicroelectronics AN2822 Datasheet HTML 9Page - STMicroelectronics AN2822 Datasheet HTML 10Page - STMicroelectronics AN2822 Datasheet HTML 11Page - STMicroelectronics AN2822 Datasheet HTML 12Page - STMicroelectronics AN2822 Datasheet HTML 13Page - STMicroelectronics AN2822 Datasheet HTML 14Page - STMicroelectronics AN2822 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AN2822
High speed internal oscillator trimming
Doc ID 14983 Rev 2
11/19
1.5
Timing of calibration period measurement
This section describes the timing of the HSI oscillator frequency, fHSI measurement.
The ‘digital filtering technique’ is applied on the TI1 input from TIM3_CC1 (see Figure 2) to
further reduce period measurement uncertainty. This technique includes an event counter,
present on the input capture pin, in which a certain number of TI1 samples with the same
level are needed to validate a transition of the reference timebase. The number of such
pulses and the sampling frequency can be set by bits IC1F[3:0] in the TIM3_CCMR1
register. The sampling frequency can be set as an fMASTER divided by 1 to 32. By default,
eight equal consecutive samples with a time resolution of 1/fMASTER, are required for the
transition to be valid. This default value can be changed if needed. This digital filtering
technique causes a delay between TI1 and the IC1 signal. It does not affect the
measurement of HSI pulses per calibration interval (see Figure 5).
Figure 5.
Timing diagram of calibration period measurement
Counter
Register
Value
OVF
TI1
IC1PS
CC
OVL
OVL
OVL
OVL
OVL
Filter Delay
L = 4
CC
OVL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com