Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2822 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2822
Description  STM8S and STM8A high speed internal oscillator calibration
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2822 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2822 Datasheet HTML 10Page - STMicroelectronics AN2822 Datasheet HTML 11Page - STMicroelectronics AN2822 Datasheet HTML 12Page - STMicroelectronics AN2822 Datasheet HTML 13Page - STMicroelectronics AN2822 Datasheet HTML 14Page - STMicroelectronics AN2822 Datasheet HTML 15Page - STMicroelectronics AN2822 Datasheet HTML 16Page - STMicroelectronics AN2822 Datasheet HTML 17Page - STMicroelectronics AN2822 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
High speed internal oscillator trimming
AN2822
14/19
Doc ID 14983 Rev 2
The combined standard uncertainty of the HSI frequency measurement is evaluated bellow.
Comparing the first and second terms we can find that a contribution caused by uncertainty,
u(NHSI), is negligible and can be omitted. This statement is valid if the calibration frequency
is well below the HSI frequency.
Let’s evaluate the uncertainty caused by the finite regulation steps.
Finally, the total combined uncertainty of the HSI frequency is evaluated bellow.
Assuming that the required confidence level is 95% using the coverage factor k=2, we can
express the extended uncertainty, U, as following.
c
f
cal
f
cal
∂
∂f
HSIm
N
HSI
L
-------------
320
10
⋅
3
468.7 8.376
10
9
⋅
()
≅
==
u
c
2
f
HSIm
()
c
N
HSI
2
u
2
N
HSI
() c
f
cal
2
u
2
f
cal
()
+
468.7
8.376
10
9
⋅
+
≅
=
u
c fHSIm
() 91.52 kHz
≅
uf
trim
()
160
10
3
⋅
23
--------------------------
46.19 kHz
≅
=
uf
HSI
()
u
2
f
trim
() u
c
2
f
HSIm
()
+
102.5 kHz
≅
=
Uk
u f
HSI
()
⋅
2
102.5 kHz
205 kHz
≅
⋅
≅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com