Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2822 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2822
Description  STM8S and STM8A high speed internal oscillator calibration
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2822 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2822 Datasheet HTML 11Page - STMicroelectronics AN2822 Datasheet HTML 12Page - STMicroelectronics AN2822 Datasheet HTML 13Page - STMicroelectronics AN2822 Datasheet HTML 14Page - STMicroelectronics AN2822 Datasheet HTML 15Page - STMicroelectronics AN2822 Datasheet HTML 16Page - STMicroelectronics AN2822 Datasheet HTML 17Page - STMicroelectronics AN2822 Datasheet HTML 18Page - STMicroelectronics AN2822 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Power supply and calibration signal conditioning circuit
AN2822
16/19
Doc ID 14983 Rev 2
Table 2.
Value of used components
Component
230 V / 50 Hz value
110 V / 60 Hz value
R1
220
Ω / 0.5 W
110
Ω / 0.5 W
R2
220
Ω / 0.5 W
110
Ω / 0.5 W
R3
1 M
Ω
1 M
Ω
R4
5.6 k
Ω
5.6 k
Ω
D1
BZX85C5.6
BZX85C5.6
D2
1N4148
1N4148
C1
470 nF / ~275 V AC
330 nF / ~275 V AC
C2
100 nF
100 nF
C3
470 µF / 16 V
470 µF / 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com