Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2822 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2822
Description  STM8S and STM8A high speed internal oscillator calibration
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2822 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2822 Datasheet HTML 8Page - STMicroelectronics AN2822 Datasheet HTML 9Page - STMicroelectronics AN2822 Datasheet HTML 10Page - STMicroelectronics AN2822 Datasheet HTML 11Page - STMicroelectronics AN2822 Datasheet HTML 12Page - STMicroelectronics AN2822 Datasheet HTML 13Page - STMicroelectronics AN2822 Datasheet HTML 14Page - STMicroelectronics AN2822 Datasheet HTML 15Page - STMicroelectronics AN2822 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
High speed internal oscillator trimming
AN2822
12/19
Doc ID 14983 Rev 2
1.6
Uncertainty of calibrated HSI frequency
There are two sources of uncertainty(c) associated with this calibration method. The first one
is caused by the finite resolution of the trimming value. The second is the uncertainty of the
HSI frequency measurement used to regulate HSI output frequency using the HSI trimming
register.
The calibrated HSI oscillator frequency, fHSIm, is not measured directly. We can start with
the equation describing the estimated HSI frequency as a function of each of the factors that
can influence it to evaluate the uncertainty of the calibrated HSI output frequency given by
the calibration method(d)
As L is a constant we can identify two uncertainty contributors. The first is a number of
counted HSI pulses, NHSI, the second is a calibration period, fcal.
These input parameters can be assumed as uncorrellated quantities.
The uncertainty of NHSI is caused by the nonsynchronous frequency of the calibration signal
and HSI oscillator frequency. The first rising edge of the L-series of calibration signal periods
can occur anywhere in the interval of one HSI signal period as well as the last rising edge
which close the counter gate, resulting in the uncertainty of counted HSI pulses equal to
±1.
Assuming uniform uncertainty distribution, the standard uncertainty of NHSI can be
evaluated using the following equation
To reduce this uncertainty, the calibration frequency should be well below the HSI frequency
(at least 1000 times lower). This is easily achieved when the mains frequency is used as a
calibration signal.
The uncertainty of the calibration signal frequency, fcal, is given by the fluctuation of the
mains frequency. Normally, the accuracy of the mains frequency,
δfcal, is better than ±1%.
However, even better accuracy can be achieved by using a different frequency source, such
as a signal generator. To reduce uncertainty from this source to a minimum, the frequency
generator which gives the best accuracy should be used instead of the mains frequency.
The standard uncertainty of calibration frequency, fcal, is expressed below assuming uniform
uncertainty distribution.
From the equation describing the estimated HSI frequency, fHSI, we can calculate the
sensitivity coefficient associated with each of the input estimates.
c.
This analysis of the HSI calibration method is based on ISO Guide to the Expression of Uncertainty in
Measurement and ANSI/NCSL Z540-2-1997. These standards offer a current international consensus of the
methods for estimating measurement uncertainty.
d.
Estimates of uncertainty obtained in this way are usually called Type B.
f
HSIm
N
HSI
L
-------------f
cal
=
uN
HSI
()
1
3
-------
=
uf
cal
()
f
cal δfcal
100 3
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com