Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2867 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 10Page - STMicroelectronics AN2867 Datasheet HTML 11Page - STMicroelectronics AN2867 Datasheet HTML 12Page - STMicroelectronics AN2867 Datasheet HTML 13Page - STMicroelectronics AN2867 Datasheet HTML 14Page - STMicroelectronics AN2867 Datasheet HTML 15Page - STMicroelectronics AN2867 Datasheet HTML 16Page - STMicroelectronics AN2867 Datasheet HTML 17Page - STMicroelectronics AN2867 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Pierce oscillator design
AN2867
14/41
DocID15287 Rev 9
oscillator transconductance ranges from a few µA/V to a few dozens of µA/V
depending on the product.
gmcrit is defined as the minimal transconductance of an oscillator required to maintain a
stable oscillation when it is a part of the oscillation loop for which this parameter is
relevant. gmcrit is computed from oscillation-loop passive components parameters.
Assuming that CL1 equals CL2, and that the crystal sees the same CL on its pads as the
value given by the crystal manufacturer, gmcrit is expressed as follows:
where
ESR = equivalent series resistance
C0 is the crystal shunt capacitance.
CL is the crystal nominal load capacitance.
F is the crystal nominal oscillation frequency.
For example, to design the oscillation loop for the HSE oscillator embedded into an
STM32F1 microcontroller which a transconductance value (gm) equal to 25 mA/V, we
choose a quartz crystal (from Fox) with the following characteristics:
frequency = 8 MHz
C0 = 7 pF
CL = 10 pF
ESR = 80
Ω .
To check if this crystal will oscillate with an STM32F1 microcontroller, let us calculate gmcrit:
Calculating the gain margin gives:
The gain margin is sufficient to start the oscillation and the “gain margin greater than 5”
condition is reached. The oscillator is expected to reach a stable oscillation after a typical
delay specified by the microcontroller datasheet.
If an insufficient gain margin is found (gainmargin < 5), the oscillation might start up under
typical conditions (achieved in laboratory conditions) when designing and testing the final
application. However, this does not guarantee that the oscillation will start up in operating
conditions. As a result, it is highly recommended that the selected crystal has a gain margin
higher than or equal to 5. Try to select a crystal with a lower ESR or/and a lower CL.
Whatever the specified parameter, the oscillator transconductance (gm) or the oscillation
loop maximal critical gain (gm_crit_max), the conversion between these two parameters is
possible, if need be. The relation between these two parameters is given by the below
formula:
gmcrit
4 ESR
×
2
πF
()
2
×
C0 CL
+
()
2
×
=
gmcrit
480
2
π
×
8
6
×10
×
()
2
×
×
7
12
–
×10
10
12
–
×10
+
()
2
×
0,23 mA V
⁄
=
=
gainmin
arg
gm
gmcrit
---------------
25
0,23
-----------
107
==
=
Gm_crit_max
gm
5
-------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com