Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2867 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 17Page - STMicroelectronics AN2867 Datasheet HTML 18Page - STMicroelectronics AN2867 Datasheet HTML 19Page - STMicroelectronics AN2867 Datasheet HTML 20Page - STMicroelectronics AN2867 Datasheet HTML 21Page - STMicroelectronics AN2867 Datasheet HTML 22Page - STMicroelectronics AN2867 Datasheet HTML 23Page - STMicroelectronics AN2867 Datasheet HTML 24Page - STMicroelectronics AN2867 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
DocID15287 Rev 9
21/41
AN2867
Guidelines for selecting suitable crystal and external components
40
One of the key emerging areas where crystal resonators are massively used is the handheld
wearable appliance consumer market (e.g. smart phones, Bluetooth kits). For this market
segment the crystal size is of critical importance. However it is widely known that small-
footprint crystals come always with high crystal ESR. For this kind of designs, the choice
may be harder if the target design has severe constraints in terms of power consumption
(which almost always happens). In this case, choose a crystal with a load capacitance as
small as possible to optimize power consumption even if this compromises pullabilty.
In addition, crystals with high ESR may have a slightly longer startup time. If there are no
constraints on crystal size, then it is recommended to choose a crystal with an ESR as small
as possible.
In noisy environment (which it is almost always the case for industrial applications), if there
are no constraints on power consumption, it is recommended to choose crystals with high
load capacitance. These crystals will require a high-drive current from the oscillator while
being more robust against noise and external perturbations. Another advantage is that the
design pullability will be minimized.
Depending on which STM32 microcontroller is used, all the resonator families listed below
can be compatible with your design or only some of them. STM32 microcontrollers embed
two types of low-speed oscillator (LSE):
•
Constant-gain low-speed oscillators
This type of LSE oscillators features a constant gain which makes them compatible
only with a few crystal groups mentioned above. For example, LSE oscillators
embedded into STM32F2 and STM32L1 microcontrollers target designs with severe
power consumption constraint. The selected crystal should consequently have a low
load capacitance and a moderate ESR. LSE oscillators embedded into STM32F1
microcontrollers target crystal resonators with moderate ESR and moderate load
capacitance.
•
Configurable-gain low-speed oscillators
LSE oscillators belonging to this family have the main advantage to be compatible with
a large number of crystals. Almost no constraint will be induced by the STM32
microcontroller embedding this kind of LSE oscillator. This large list of compatible
resonator crystals allows to focus only on design constraints (e.g. power consumption,
footprint) when selecting a compatible resonator. These LSE oscillators are divided into
two categories:
–
Dynamically (on-the-fly) modifiable gain LSE oscillators
The gain of this type of LSE oscillators can be changed either before starting the
oscillator or after enabling it.
–
Statically modifiable gain LSE oscillators
The gain can be changed only when the LSE oscillator is turned off. If the
oscillator transconductance has to be increased or decreased, the LSE must be
turned off first.
Table 5 gives the list of low-speed oscillators (LSE) embedded into the STM32
microcontrollers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com