Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2867 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 13Page - STMicroelectronics AN2867 Datasheet HTML 14Page - STMicroelectronics AN2867 Datasheet HTML 15Page - STMicroelectronics AN2867 Datasheet HTML 16Page - STMicroelectronics AN2867 Datasheet HTML 17Page - STMicroelectronics AN2867 Datasheet HTML 18Page - STMicroelectronics AN2867 Datasheet HTML 19Page - STMicroelectronics AN2867 Datasheet HTML 20Page - STMicroelectronics AN2867 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
DocID15287 Rev 9
17/41
AN2867
Pierce oscillator design
40
Note:
If RExt is too low, there is no power dissipation in the crystal. If RExt is too high, there is no
oscillation: the oscillation condition is not reached.
3.6
Startup time
The startup time is the time required by the oscillation to start up and then build up until it
reaches a stable oscillation phase. The startup time depends, among other factors, on the
Q-factor of the resonator used. If the oscillator is paired with a quartz-crystal resonator
characterized by its high Q-factor then the startup time will be higher if a ceramic resonator
is used (ceramic resonators are know for their poor Q-factor compared to quartz-crystal
resonators). The startup time also depends on the external components, CL1 and CL2, and
on the crystal frequency. The higher the crystal nominal frequency, the lower the start up
time. In addition the startup problems are usually due to the fact that the gain margin is not
properly dimensioned (as explained previously). This is caused either by CL1 and CL2 being
too small or too large, or by the ESR being too high.
As an example, an oscillator paired with a few-MHz nominal frequency crystal resonator
would typically start up after a delay of few ms.
The startup time of a 32.768 kHz crystal ranges from 1 to 5 s.
3.7
Crystal pullability
Crystal pullabilty, also known as crystal sensitivity, measures the impact of small variations
of the load capacitance seen by the crystal on the oscillation frequency shifting. This
parameter usually has more importance when dealing with low-speed oscillators, since they
are used to clock time-keeping functions (such as real-time clock functions).
When the final application is still in design stage, the influence of this parameter on the low-
speed oscillator accuracy (and consequently on all the time-keeping functions clocked by
this oscillator) is not so obvious. This is due to the fact that the designer fine tunes the load
capacitors until the desired oscillation frequency is obtained. When the design reaches
production stage. it is frozen and all the passive components including the load capacitors
have their values well defined. Any change of the load capacitance will directly induce a shift
of the oscillation frequency. Changes in the capacitive load (CL) seen by the crystal may be
thought of as due to inadequate operation environment and only happening when the final
design is not properly operated. In practice, this is not true since changes of the load
capacitance are rather frequent and must by taken into account by the designer. The main
contributors to the capacitive load (CL) seen by the oscillator are the following:
•
The capacitance of the load capacitors CL1 and CL2
•
The stray capacitance of the PCB paths
•
The parasitic capacitance of the oscillator pins.
Any change on the capacitances listed above directly shifts the oscillation frequency. When
the design is in production stage, many of these capacitance values cannot be accurately
controlled. Selecting a crystal with low-pullability will limit the influence of such production
uncertainties on the final oscillation frequency accuracy.
Generally speaking, the higher the load capacitance (CL) of a crystal, the lower its pullability.
As an example, let us consider a crystal with a pullability of 45 PPM/pF. To fine tune the
oscillation frequency, this crystal is loaded by two C0G ceramic capacitors, CL1 and CL2,
with equal capacitances equal to 7 pF. C0G ceramic capacitors have a tolerance value of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com