Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2867 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2867
Description  Oscillator design guide for STM8S
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2867 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2867 Datasheet HTML 26Page - STMicroelectronics AN2867 Datasheet HTML 27Page - STMicroelectronics AN2867 Datasheet HTML 28Page - STMicroelectronics AN2867 Datasheet HTML 29Page - STMicroelectronics AN2867 Datasheet HTML 30Page - STMicroelectronics AN2867 Datasheet HTML 31Page - STMicroelectronics AN2867 Datasheet HTML 32Page - STMicroelectronics AN2867 Datasheet HTML 33Page - STMicroelectronics AN2867 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Tips for improving oscillator stability
AN2867
30/41
DocID15287 Rev 9
7
Tips for improving oscillator stability
7.1
PCB design guidelines
The 32 kHz crystal oscillator is an ultra-low-power oscillator (transconductance of a few
μA/V). The low oscillator transconductance affects the output dynamics since smaller
transconductance values generates a smaller oscillating current. This results in a lower
peak-to-peak voltage on the oscillator outputs (from a few dozen to a few hundred mV).
Keeping the signal-to-noise ratio (SNR) below acceptable limits for a perfect operation of the
oscillator means more severe constraints on the oscillator PCB design in order to reduce its
sensitivity to noise.
Therefore, great care must be taken when designing the PCB to reduce as much as
possible the SNR. A non-exhaustive list of precautions that should be taken when designing
the oscillator PCB is provided below:
•
High values of stray capacitance and inductances should be avoided as they might
lead to uncontrollable oscillation (e.g. the oscillator might resonate at overtones or
harmonics frequencies). Reducing the stray capacitance also decreases startup time
and improves oscillation frequency stability.
•
To reduce high frequency noise propagation across the board, the microcontroller
should have a stable power supply source to ensure noiseless crystal oscillations. This
means that well-sized decoupling capacitor should be used for powering the
microcontroller.
•
The crystal should be mounted as close as possible to the microcontroller to keep short
tracks and to reduce inductive and capacitive effects. A guard ring around these
connections, connected to the ground, is essential to avoid capturing unwanted noise
which might affect oscillation stability.
Long tracks/paths might behave as antennas for a given frequency spectrum thus
generating oscillation issues when passing EMI certification tests. Refer to Figure 11:
PCB with separated GND plane and guard ring around the oscillator and Figure 13:
Signals around the oscillator.
•
Any path conveying high-frequency signals should be routed away from the oscillator
paths and components. Refer to Figure 11: PCB with separated GND plane and guard
ring around the oscillator.
•
The oscillator PCB should be underlined with a dedicated underneath ground plane,
distinct from the application PCB ground plane. The oscillator ground plane should be
connected to the nearest microcontroller ground. It prevents interferences between the
oscillator components and other application components (e.g. crosstalk between
paths). Note that if a crystal in a metallic package is used, it should not been connected
to the oscillator ground. Refer to Figure 10: Recommended layout for an oscillator
circuit, Figure 11: PCB with separated GND plane and guard ring around the oscillator
and Figure 12: GND plane.
•
Leakage current might increase startup time and even prevent the oscillator startup. If
the microcontroller is intended to operate in a severe environment (high
moisture/humidity ratio) an external coating is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com