Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3057 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3057
Description  How to manage simultaneous
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3057 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3057 Datasheet HTML 2Page - STMicroelectronics AN3057 Datasheet HTML 3Page - STMicroelectronics AN3057 Datasheet HTML 4Page - STMicroelectronics AN3057 Datasheet HTML 5Page - STMicroelectronics AN3057 Datasheet HTML 6Page - STMicroelectronics AN3057 Datasheet HTML 7Page - STMicroelectronics AN3057 Datasheet HTML 8Page - STMicroelectronics AN3057 Datasheet HTML 9Page - STMicroelectronics AN3057 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RF - I²C arbitration mechanism description
AN3057
6/15
Doc ID 16239 Rev 4
2.2
Communication arbitration when the RF and I²C channels are
both active
Arbitration depends on whether the I²C and RF channels are in the busy state. Section 2.2.1
and Section 2.2.2 give the definitions of the I²C and RF busy states, respectively.
2.2.1
I²C busy states
When decoding an I²C read command, the M24LRxx is in the I²C busy state from the Start
condition until the Stop condition.
Figure 2.
I²C read command busy state
When decoding an I²C write command, the M24LRxx is in the I²C busy state from the Start
condition until the completion of the write cycle (triggered by the Stop condition).
Figure 3.
I²C write command busy state
2.2.2
RF busy states
In most cases, an RF command is defined as a received request initiated by the SOF (start
of frame) and terminated by the decoding of the EOF (end of frame) of the response frame.
RF commands can be gathered into several groups:
Read command group
When decoding an RF read command, the M24LRxx is in the RF busy state from the SOF
(start of frame) of the request frame until the EOF (end of frame) of the response frame. The
figure below shows the RF busy state of commands in the read group.
Figure 4.
RF read command busy state
Start
Read command
Stop
I²C busy
ai17339
Start
Write command
Stop
I²C busy
ai17340
Write cycle
SOF
Request
EOF
RF busy
ai17341
Response
SOF
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com