Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3057 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3057
Description  How to manage simultaneous
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3057 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3057 Datasheet HTML 4Page - STMicroelectronics AN3057 Datasheet HTML 5Page - STMicroelectronics AN3057 Datasheet HTML 6Page - STMicroelectronics AN3057 Datasheet HTML 7Page - STMicroelectronics AN3057 Datasheet HTML 8Page - STMicroelectronics AN3057 Datasheet HTML 9Page - STMicroelectronics AN3057 Datasheet HTML 10Page - STMicroelectronics AN3057 Datasheet HTML 11Page - STMicroelectronics AN3057 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RF - I²C arbitration mechanism description
AN3057
8/15
Doc ID 16239 Rev 4
Figure 7.
Example of an Inventory command where the M24LRxx is decoded in
Slot 13
2.2.3
Arbitration
When both interfaces are active (as defined in Case 3 in Table 2: Four possible
combinations of power supply sources), the M24LRxx decodes and executes the first
received command, as detailed in Table 3: Possible cases of communication arbitration.
SOF
Request
EOF
RF busy
ai17505
EOF
EOF
Response
EOF
Slot 1
Slots 2 to 12
Slot 13
Table 3.
Possible cases of communication arbitration
Initial state
Event
M24LRxx action
M24LRxx is in the I²C busy state: VCC
active and an I²C command is being
decoded or executed
RF command transmitted during an
I²C command
RF command is not
decoded
M24LRxx is in the RF busy state: an RF
command is being decoded or
executed
VCC active and I²C command
transmitted during an RF command
I²C command is not
decoded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com