Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3057 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3057
Description  How to manage simultaneous
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3057 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3057 Datasheet HTML 1Page - STMicroelectronics AN3057 Datasheet HTML 2Page - STMicroelectronics AN3057 Datasheet HTML 3Page - STMicroelectronics AN3057 Datasheet HTML 4Page - STMicroelectronics AN3057 Datasheet HTML 5Page - STMicroelectronics AN3057 Datasheet HTML 6Page - STMicroelectronics AN3057 Datasheet HTML 7Page - STMicroelectronics AN3057 Datasheet HTML 8Page - STMicroelectronics AN3057 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2012
Doc ID 16239 Rev 4
1/15
AN3057
Application note
How to manage simultaneous I²C and RF data transfers with
the M24LRxx-R and M24LRxxE-R devices
1
Introduction
The M24LRxx-R or M24LRxxE-R is an EEPROM device designed to be accessed via two
different interfaces: a wired I²C interface and a standard contactless ISO 15693 RFID
interface.
Figure 1.
Typical application of an M24LRxx-R or M24LRxxE-R dual interface EEPROM
ST has published various supporting application notes explaining how the RF interface
works and the basic principles of passive RFID technology. These documents are available
from: www.st.com/dualeeprom.
The possibility of using two different interfaces to control the dual-interface EEPROM implies
two host controllers: a microcontroller with an I²C bus and an ISO 15693 RFID reader. Due
to their nature, these two host controllers are not synchronized, which means that both
controllers might try to access the M24LRxx-R or M24LRxxE-R concurrently.
To manage this kind of situation, the M24LRxx-R or M24LRxxE-R has a built-in circuitry able
to handle possible concurrent communications and powering activities from the RF and I²C
sides.
This application note describes how the M24LRxx-R or M24LRxxE-R arbitration circuitry
operates.
Table 1 lists the products concerned by this application note.
Note:
The standard M24LRxx-R and energy-harvesting M24LRxxE-R devices will be referred to
as M24LRxx devices throughout the document.
Table 1.
Applicable products
Type
Applicable products
Dual interface EEPROMs
M24LRxx-R, M24LRxxE-R
SDA
SCL
M24LRxx
Application master
Application board
I²C bus
ISO 15693 RF
ISO 15693 RF
ai17547v2
www.st.com


Similar Part No. - AN3057

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3050 STMICROELECTRONICS-AN3050 Datasheet
908Kb / 18P
STBP120 overvoltage protection device
18-Nov-2009
More results

Similar Description - AN3057

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02014W104KAT2A AVX-02014W104KAT2A Datasheet
154Kb / 2P
How to Order Part Number Explanation
logo
Aavid, Thermal Division...
5005-09NG AAVID-5005-09NG Datasheet
8Mb / 116P
How to Use This Catalog
logo
List of Unclassifed Man...
26M048B1B ETC2-26M048B1B Datasheet
175Kb / 1P
How to select your CanStack motor
logo
STMicroelectronics
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
How to use the BT_HTS_RX_R2
Sep-2007
AN1215 STMICROELECTRONICS-AN1215 Datasheet
68Kb / 7P
HOW TO HANDLE SHORT CIRCUIT CONDITIONS
Dec-1999
AN1828 STMICROELECTRONICS-AN1828 Datasheet
225Kb / 17P
The document explains how to design
Rev. 1.0
PM0083 STMICROELECTRONICS-PM0083 Datasheet
411Kb / 13P
How to program STM8T143 OTP options
26-Mar-2013
UM1561 STMICROELECTRONICS-UM1561 Datasheet
972Kb / 39P
This document describes how the firmware to manage the 250 W micro-inverter demo
16-Oct-2012
logo
Glenair, Inc.
802-040 GLENAIR-802-040 Datasheet
415Kb / 5P
Hermetic Receptacle How to Order Information
logo
Silicon Laboratories
AN746 SILABS-AN746 Datasheet
1Mb / 30P
How to configure the Si4012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com