Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3057 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3057
Description  How to manage simultaneous
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3057 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3057 Datasheet HTML 7Page - STMicroelectronics AN3057 Datasheet HTML 8Page - STMicroelectronics AN3057 Datasheet HTML 9Page - STMicroelectronics AN3057 Datasheet HTML 10Page - STMicroelectronics AN3057 Datasheet HTML 11Page - STMicroelectronics AN3057 Datasheet HTML 12Page - STMicroelectronics AN3057 Datasheet HTML 13Page - STMicroelectronics AN3057 Datasheet HTML 14Page - STMicroelectronics AN3057 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Recommendations when developing the M24LRxx application software
AN3057
12/15
Doc ID 16239 Rev 4
Application hardware architecture
The application Master should control the I²C bus lines and the power supply line so as to
keep full control of the M24LRxx. Figure 10 shows a typical hardware schematic.
Figure 10.
Optimal hardware schematic of an M24LRxx application
This type of hardware architecture is optimal in applications where power saving is a key
feature (like portable applications supplied from a battery). The supply voltage can be
directly delivered to an ultralow power microcontroller (for instance the STM8L, information
available from http://www.st.com/mcu/). This implementation makes it possible to keep the
application supply current in the 1 µA range (value of the STM8L supply current when in the
Active-Alt mode) and:
●
the application saves power when in the Standby mode, as the battery does not supply
the standby current to the M24LRxx (40 µA) nor the current through the SDA pull-up
resistor
●
the application controls the M24LRxx in a safe mode (the VCC pin is supplied by the
Master only when an I²C request is being processed)
3.1.3
An I²C request was interrupted
A Start condition defines the I²C channel as busy until the completion of the I²C command
(Stop condition). Therefore, if, for some uncontrolled reasons, the I²C bus master sends a
single Start condition (due to a glitch on the bus or some other unpredictable conditions),
the I²C bus might possibly remain busy indefinitely. The resulting I²C busy state inhibits the
decoding of any subsequent I²C and/or RF requests.
The I²C busy state is reset either by:
●
decoding a device select byte different from 1010 XXXXb
●
decoding a Stop condition
●
the completion of the internal write cycle (tW, triggered by a decoded write instruction)
The best way for the I²C bus Master to clear a spurious busy state is to periodically issue a
[Start+Stop] sequence.
Note:
In noisy applications, ST recommends to implement the “9 Start + 1 Stop” sequence
described in AN1471 (available from the ST website: www.st.com).
I/O
SDA
SCL
VCC
VSS
M24LRxx
I²C bus
Master
C = 10 nF
R=10
Ω
VCC
Battery
VCC
Rpull-up
ai17545v2
Application master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com