Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3132 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3132
Description  Configuring the SPEAr600
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3132 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3132 Datasheet HTML 4Page - STMicroelectronics AN3132 Datasheet HTML 5Page - STMicroelectronics AN3132 Datasheet HTML 6Page - STMicroelectronics AN3132 Datasheet HTML 7Page - STMicroelectronics AN3132 Datasheet HTML 8Page - STMicroelectronics AN3132 Datasheet HTML 9Page - STMicroelectronics AN3132 Datasheet HTML 10Page - STMicroelectronics AN3132 Datasheet HTML 11Page - STMicroelectronics AN3132 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DDR overview
AN3132
8/24
Doc ID 16955 Rev 1
2.1.2
Power supply differences
DDR2 operates at 1.8 V. This is a 28% reduction compared to DDR1, which combined with
power saving features such as smaller page sizes and an active power down mode results
in power consumption advantages.
2.1.3
Other feature differences
DDR2 has also some other new features like on die termination (ODT). Around the memory
slots on a DDR1-supporting motherboard, there can be termination resistors, which are
used to eliminate excessive signal noise. For DDR2 modules, the termination resistors are
built into the chip, which are far closer to the source of the noise. This ODT feature can
reduce interference within the chip, thus guaranteeing the stability and reliability of DDR2
memory when working under high frequencies.
There are other features such as Posted CAS and Additive latency, which work together to
prevent data collisions and utilize the data bus more efficiently, as well as the off-chip driver
calibration (OCD), which increases signal integrity and system timing margin as well.
2.2
Addressing
Once configured, you do not need to to worry about the DDR protocol; you can access the
DDR by directly accessing the memory address. In SPEAr600, DDR is mapped from
0x0000_0000 to 0x3FFF_FFFF: that means that an addressable space of 1 GB is dedicated
to the external DRAM. In this way you can address, using all the 30 address bits, up to 2 x 4
Gb memory chips. Only 256 Mb x 16 cuts are possible because of the presence of only 14
address lines, DDR_MEM_ADDR [14:0]. In this case, the use of the bits is divided in the
following way:
●
10 bits for column address
●
3 bits for bank address
●
15 bits for row address
In the user address, bit 0 is used to select the width of the datapath. It is fixed to ‘0’ if the
datapath is 16 bit and if the datapath is 8 bit, it is fixed to ‘1’.
So in this case:
●
User_address [0] = datapath;
●
User_address [10:1] = column address;
●
User_address [13:11] = bank address;
●
User_address [28:14] = row address;
●
User_address [29] = chip select;
Regardless of the memory cut selected, the CPU always sees a contiguous addressable
space. For this reason, the memory controller always shifts the memory address parts (row,
bank and column) in the user address according to the physical memory cut attached and
its configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com