Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3168 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 2Page - STMicroelectronics AN3168 Datasheet HTML 3Page - STMicroelectronics AN3168 Datasheet HTML 4Page - STMicroelectronics AN3168 Datasheet HTML 5Page - STMicroelectronics AN3168 Datasheet HTML 6Page - STMicroelectronics AN3168 Datasheet HTML 7Page - STMicroelectronics AN3168 Datasheet HTML 8Page - STMicroelectronics AN3168 Datasheet HTML 9Page - STMicroelectronics AN3168 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AN3168
Triggering circuits
Doc ID 17193 Rev 1
6/20
2
Triggering circuits
2.1
Two kind of power supply bias
To trigger a Triac, ACST, ACS or SCR, a gate current has to be applied on the gate pin and
circulates between gate and cathode (K) for SCR, or between gate and terminal A1 for Triac,
or between gate and terminal COM for ACST and ACS.
For non-insulated control circuits, this means that the reference of the control circuit has to
be related to K, A1 or COM. Then there are two ways to connect this drive reference.
●
Solution 1: connect the control circuit ground (VSS) to K or A1
●
Solution 2: connect the control circuit voltage supply (VDD) to A1 or COM
Solution 1 is called a positive power supply. The voltage supply VDD is indeed above the
drive reference (VSS) which is connected to the mains terminal (line or neutral) as shown in
Figure 5. If the supply is a 5 V power supply, then VDD is 5 V above the mains reference.
Figure 5.
SCR / Triac control with positive power supply
Solution 2 is called a negative power supply. The voltage supply reference (VSS) is indeed
below A1 or COM, which is connected to the mains reference (line or neutral) as shown in
Figure 6. If the supply is a 5 V power supply, then VSS is 5 V below the line reference.
This topology can be used with all Triacs, ACS and ACST, but not with SCR.
Figure 6.
Triac and ACS / ACST control with negative power supply
2.2
Gate resistor value definition
The minimum gate current (IGT) required to trigger a Triac, SCR or ACS / ACST increases
as the junction temperature (Tj) decreases (see Figure 4). The worst case appears when Tj
equals the minimum ambient temperature. For appliance systems, the minimum ambient
temperature is generally 0 °C.
For example, the ACS108-6Tx IGT level is given as lower than 10 mA with Tj equals 25 °C.
When Tj equals 0 °C, IGT becomes 15 mA.
Vac
+V
DD
CONTROL
CIRCUIT
LOAD
V
SS
I
G
K
Vac
+V
DD
CONTROL
CIRCUIT
LOAD
V
SS
I
G
A1
CONTROL
CIRCUIT
LOAD
CONTROL
CIRCUIT
LOAD
CONTROL
CIRCUIT
LOAD
CONTROL
CIRCUIT
LOAD
Vac
+V
DD
CONTROL
CIRCUIT
I
G
LOAD
V
SS
A1 or COM
CONTROL
CIRCUIT
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com