Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3168 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 12Page - STMicroelectronics AN3168 Datasheet HTML 13Page - STMicroelectronics AN3168 Datasheet HTML 14Page - STMicroelectronics AN3168 Datasheet HTML 15Page - STMicroelectronics AN3168 Datasheet HTML 16Page - STMicroelectronics AN3168 Datasheet HTML 17Page - STMicroelectronics AN3168 Datasheet HTML 18Page - STMicroelectronics AN3168 Datasheet HTML 19Page - STMicroelectronics AN3168 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AN3168
Examples of negative power supplies
Doc ID 17193 Rev 1
17/20
For a buck-boost converter the efficiency (as well as the maximum output current) should be
lower and the output capacitor bigger than for a buck converter, as the whole inductor
current is used to charge the output capacitor for the buck converter. But for 230 V AC / 12 V
DC, the duty cycle is very low so there is no great difference between buck and buck-boost
performances. Similar efficiency is reached for both topologies, with the same reactive
components.
3.5
Flyback power supply
The second SMPS topology widely used today by designers is the flyback topology. This
converter uses a transformer to store the energy instead of an inductance. The benefit of
this solution, compared to a buck-boost converter, is the possibility to insulate the output
voltage and also to generate several output voltages by using several secondary windings. A
flyback converter can also deliver a higher power with the same monolithic device (VIPer)
compared to a buck or buck-boost converter.
For AC switch control, as the VDD level has to be connected to the mains, there is no interest
in implementing an insulated power supply. So only the advantage of implementing a 2nd
low-voltage supply will push designers to use such a topology. Note that this 2nd supply can
then be insulated from the mains.
It is easy to implement a negative supply with a flyback converter, and the output voltage is
insulated from the mains. So the VDD terminal can either be connected to the neutral or the
line. The VDD voltage is then no longer insulated from the mains. This means that the
insulation has to be implemented elsewhere to protect the appliance user from electrical
shocks (for example, with an insulated keyboard and display).
Note also that due to the transformer ratio, a flyback converter can work with a higher duty
cycle than a buck-boost converter. The input peak current is then lower with a flyback
converter than with a buck-boost converter. The MOSFET peak current is thus lower and so
are its switching losses. The flyback converter efficiency can then be slightly better.
As for buck-boost converter, the VIPer operates in discontinuous mode.
The drawback of the flyback solution is that the transformer used most of the time is a
specific device, whereas a standard inductance can be used with a buck-boost converter.
Consequently, the flyback converter cost could be higher by about 15% than the buck-boost
converter cost for the same output power.
Figure 18 shows the schematic diagram of a flyback power supply using a VIPer16 device.
For a 230 V mains voltage and a 5 V output voltage, the standby power consumption is
typically around 70 mW with this circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com