Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3168 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 6Page - STMicroelectronics AN3168 Datasheet HTML 7Page - STMicroelectronics AN3168 Datasheet HTML 8Page - STMicroelectronics AN3168 Datasheet HTML 9Page - STMicroelectronics AN3168 Datasheet HTML 10Page - STMicroelectronics AN3168 Datasheet HTML 11Page - STMicroelectronics AN3168 Datasheet HTML 12Page - STMicroelectronics AN3168 Datasheet HTML 13Page - STMicroelectronics AN3168 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AN3168
Triggering circuits
Doc ID 17193 Rev 1
10/20
Figure 10.
Experimental validation of SCR triggering
2.6
Diac control circuit
A Diac-based circuit can be used for non-insulated control circuits. Such a circuit is very
simple and known since the 70's. It was traditionally used for light dimmers or universal
motor speed-control circuits. Figure 11 gives the typical schematic for a light dimmer. LF and
CF are respectively the filter inductor and capacitor used to reduce the conducted
electromagnetic noise coming from Triac switch-on at voltage levels different from zero. The
circuit will be similar for a universal motor speed control circuit. The filter is then placed
before mains input as the noise comes mainly from motor brush commutations.
Figure 11.
Diac-based light dimmer
The operation of the dimmer circuit shown on Figure 11 is as follows:
1.
The capacitor C is charged through the resistive potentiometer (P)
2.
When VC reaches the Diac breakover voltage (VBO), the Diac turns on and its voltage is
decreased by
ΔV. Capacitor C is also discharged (ΔV reduction), this results in a
discharge current which is applied to the Triac gate. Rs is used to enlarge the gate
current pulse width. T is then switched on. Here, for the positive line polarity, T is
triggered in Q1.
3.
T remains on until the next zero current crossing point. As T is on, there is no more high
voltage applied between A1 and A2, and the Diac is not charged anymore
V
CTRL
(10V/div)
V
D
(5V/div)
V
T
(100V/div)
I
A
(10mA/div)
I X1 @
L
-20 ‹C
7 mA
)
)
)
)
-‹
t
p
C
P
D
L
F
C
F
T
Vac
I LAMP
VC
R
Rs
Vac
300 V/Div.
V
BO
DV
Vac
300 V/Div.
V
BO
DV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com