Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3168 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 8Page - STMicroelectronics AN3168 Datasheet HTML 9Page - STMicroelectronics AN3168 Datasheet HTML 10Page - STMicroelectronics AN3168 Datasheet HTML 11Page - STMicroelectronics AN3168 Datasheet HTML 12Page - STMicroelectronics AN3168 Datasheet HTML 13Page - STMicroelectronics AN3168 Datasheet HTML 14Page - STMicroelectronics AN3168 Datasheet HTML 15Page - STMicroelectronics AN3168 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AN3168
Examples of negative power supplies
Doc ID 17193 Rev 1
12/20
3
Examples of negative power supplies
3.1
Linear power supply
The linear power supply is composed of a step down transformer, a diode bridge, a linear
regulator (U1) and some filtering capacitors (see Figure 14).
Figure 14.
Linear power supply
The output current (IDC) depends on the power of the transformer (S), the output voltage
(VDC) and the power factor (pf) of such a power supply. Due to the high mains current
harmonic content, a 0.5 power factor can usually be assumed. Without consideration of the
transformer, diodes and regulator power losses, the output current is then in Equation 3.
Equation 3
For a typical power factor of 0.5 and a 230 V / 15 V step down transformer, the calculated
output current capability and the measured typical standby power consumption (POFF) are
given according to the transformer power on Table 2.
The benefits of this solution are:
●
High output current
●
Possibility to easily generate multiple output voltages by using several secondary
windings
The drawbacks of this solution are:
●
High cost
●
High standby losses (due to the transformer magnetizing current)
●
Bulky size of the 50 Hz transformer
Table 2.
Calculated output DC current and measured typical standby power
consumption
Transformer power, S
1.6 VA
3 VA
10 VA
Output DC current, IDC
53 mA
100 mA
333 mA
Stand-by power consumption, POFF (measured)
0.08 W
0.5 W
1.1 W
C1
C2
AC mains
T1
V
DD
IN
GND
OUT
V
SS
U1
V
DD
-+
Diode Bridge
DC
DC
V
pf
S
I
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com