Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3171 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3171
Description  The purpose of this application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3171 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3171 Datasheet HTML 2Page - STMicroelectronics AN3171 Datasheet HTML 3Page - STMicroelectronics AN3171 Datasheet HTML 4Page - STMicroelectronics AN3171 Datasheet HTML 5Page - STMicroelectronics AN3171 Datasheet HTML 6Page - STMicroelectronics AN3171 Datasheet HTML 7Page - STMicroelectronics AN3171 Datasheet HTML 8Page - STMicroelectronics AN3171 Datasheet HTML 9Page - STMicroelectronics AN3171 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Hardware considerations
AN3171
6/14
Doc ID 17229 Rev 1
1.2
Two ways of accessing the M24LR64-R: RF and I²C
Compared to the M24C64, the M24LR64-R has an additional capability: RF access, made
possible by connecting the AC0 & AC1 pins to a tuned antenna. This modifies the block
diagram of the M24LR64-R. Figure 3 shows the new block diagram.
Figure 3.
M24LR64-R block diagram
One difference between the M24LR64-R and the M24C64 is that the M24C64 can be
accessed only through the I²C bus, whereas the M24LR64-R can be accessed through
either the I²C bus or the RF interface.
Due to the M24LR64-R’s dual access capability, a number of things have to be taken into
account when accessing the device. If an RF request is made while an I²C communication is
ongoing, it will not be served. Likewise, if an I²C request is made during an RF
communication, it will not be served. This has to be taken into account in the system. A
dedicated application note, AN3057, explains “how to manage simultaneously I²C and RF
data transfers with the M24LR64-R”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com