Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3171 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3171
Description  The purpose of this application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3171 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3171 Datasheet HTML 6Page - STMicroelectronics AN3171 Datasheet HTML 7Page - STMicroelectronics AN3171 Datasheet HTML 8Page - STMicroelectronics AN3171 Datasheet HTML 9Page - STMicroelectronics AN3171 Datasheet HTML 10Page - STMicroelectronics AN3171 Datasheet HTML 11Page - STMicroelectronics AN3171 Datasheet HTML 12Page - STMicroelectronics AN3171 Datasheet HTML 13Page - STMicroelectronics AN3171 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
M24LR64-R memory organization
AN3171
10/14
Doc ID 17229 Rev 1
Figure 6.
I2C Write Password command
3.2
System memory seen from the I²C bus (E2=1)
The M24LR64-R device offers an additional EEPROM memory area named the system
memory (see Figure 4: M24LR64-R’s user and system memories). The system memory can
only be accessed in read or/and write mode through the I²C bus by setting the E2 bit to 1 in
the device select byte.
3.2.1
M24LR64-R’s RF block security status
The 64 bytes in the system memory store the RF block security status value of each RF
sector (1 byte for 1 sector).
This RF block security status can be read from the I²C bus in order to verify the protection of
the user memory, when accessed from the RF channel.
The data in the RF block security status can be erased or modified from the I²C bus only if
the I²C password has been presented successfully.
ai15126
Device select
code
Password
address 09h
Password
address 00h
New password
[31:24]
Ack
R/W
Ack
Ack
Ack
Device select code = 1010 1 E1 E0
New password
[23:16]
New password
[15:8]
New password
[7:0]
Ack
Ack
Ack
Ack generated during 9th bit time slot.
Validation
code 07h
Ack
New password
[31:24]
Ack
New password
[23:16]
New password
[15:8]
New password
[7:0]
Ack
Ack
Ack
Table 3.
RF block security status
I2C byte address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
E2 = 1
0
SSS 3
SSS 2
SSS 1
SSS 0
E2 = 1
4
SSS 7
SSS 6
SSS 5
SSS 4
E2 = 1
8
SSS 11
SSS 10
SSS 9
SSS 8
E2 = 1
12
SSS 15
SSS 14
SSS 13
SSS 12
E2 = 1
16
SSS 19
SSS 18
SSS 17
SSS 16
E2 = 1
20
SSS 23
SSS 22
SSS 21
SSS 20
E2 = 1
24
SSS 27
SSS 26
SSS 25
SSS 24
E2 = 1
28
SSS 31
SSS 30
SSS 29
SSS 28
E2 = 1
32
SSS 35
SSS 34
SSS 33
SSS 32
E2 = 1
36
SSS 39
SSS 38
SSS 37
SSS 36
E2 = 1
40
SSS 43
SSS 42
SSS 41
SSS 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com