Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3171 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3171
Description  The purpose of this application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3171 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3171 Datasheet HTML 4Page - STMicroelectronics AN3171 Datasheet HTML 5Page - STMicroelectronics AN3171 Datasheet HTML 6Page - STMicroelectronics AN3171 Datasheet HTML 7Page - STMicroelectronics AN3171 Datasheet HTML 8Page - STMicroelectronics AN3171 Datasheet HTML 9Page - STMicroelectronics AN3171 Datasheet HTML 10Page - STMicroelectronics AN3171 Datasheet HTML 11Page - STMicroelectronics AN3171 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
M24LR64-R memory organization
AN3171
8/14
Doc ID 17229 Rev 1
3
M24LR64-R memory organization
Figure 4 shows the memory organization of the M24LR64-R.
Figure 4.
M24LR64-R’s user and system memories
3.1
User memory seen from the I²C bus (E2=0)
The M24LR64-R’s user memory is a 64 Kbit EEPROM similar to the M24C64. To access the
M24LR64-R’s user memory area, E2 has to be reset to 0 in the device select byte.
3.1.1
Sectors
The M24LR64-R’s user memory is organized as 32 sectors of 128 bytes each. The device
has a feature specially added to write-protect sectors: each sector can be write-locked
separately by setting the corresponding I²C_Write_Lock bit. When a sector is write-locked,
the I²C password (see Section 3.1.4: I²C Present Password) has to be presented before the
sector can be written.
3.1.2
Page Write
The page size of the M24LR64-R is 4 bytes, making it possible to write up to 4 bytes in a
single write cycle.
With Page Write you can write up to 32 bytes to an M24C64 device in a single write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com