Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3171 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3171
Description  The purpose of this application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3171 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3171 Datasheet HTML 6Page - STMicroelectronics AN3171 Datasheet HTML 7Page - STMicroelectronics AN3171 Datasheet HTML 8Page - STMicroelectronics AN3171 Datasheet HTML 9Page - STMicroelectronics AN3171 Datasheet HTML 10Page - STMicroelectronics AN3171 Datasheet HTML 11Page - STMicroelectronics AN3171 Datasheet HTML 12Page - STMicroelectronics AN3171 Datasheet HTML 13Page - STMicroelectronics AN3171 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
M24LR64-R memory organization
AN3171
12/14
Doc ID 17229 Rev 1
The RF passwords cannot be read (an I²C read operation to an RF password area sends
back FFh data) or written through the I²C bus.
The I²C password can be read only if an I²C Present Password sequence was previously
performed and the password matched. It is not possible to directly write the I²C password: to
be able to modify the I²C password, the I²C Write Password command has to be used.
DSFID, AFI, RFU, UID, MemSize and I²C Ref are read-only data and cannot be modified
from the I²C bus.
Table 5.
System parameter sector
RF address
I2C byte address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
-E2 = 1
2304
I2C password (default 0000 0000h)
1
E2 = 1
2308
RF password 1 (default 0000 0000h)
2
E2 = 1
2312
RF password 2 (default 0000 0000h)
3
E2 = 1
2316
RF password 3 (default 0000 0000h)
-
E2 = 1
2320
DSFID (FFh)
AFI (00h)
RFU (FFh)
RFU (FFh)
-
E2 = 1
2324
UID
UID
UID
UID
-
E2 = 1
2328
UID (E0h)
UID (02h)
UID
UID
-
E2 = 1
2332
Mem_Size (03 07FFh)
IC Ref (2Ch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com