Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3311 Datasheet(PDF) 55 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 50Page - STMicroelectronics AN3311 Datasheet HTML 51Page - STMicroelectronics AN3311 Datasheet HTML 52Page - STMicroelectronics AN3311 Datasheet HTML 53Page - STMicroelectronics AN3311 Datasheet HTML 54Page - STMicroelectronics AN3311 Datasheet HTML 55Page - STMicroelectronics AN3311 Datasheet HTML 56Page - STMicroelectronics AN3311 Datasheet HTML 57Page - STMicroelectronics AN3311 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
AN3311
Schematics
Doc ID 18209 Rev 1
55/58
9.11
LCD 3.2" module with SPI and 16-bit interface 1
Figure 36.
LCD 3.2" module with SPI and 16-bit interface 1
AM08509v1
Enable
DotClk
HSYNC
VSYNC
CS
RS
WR
RD
#RESET
SDO
SDI
VDD
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
PD9
PD10
PD11
PD12
PD13
PD14
PD15
PD16
PD17
YU
YD
XR
XL
VSS
1
XL
2
XR
3
YD
4
YU
5
VSS
6
IM0/ID
7
IM1
8
IM3
9
SDO
10
NC
11
SDI
12
D17
13
D16
14
D15
15
D14
16
D13
17
D12
18
D11
19
D10
20
D9
21
D8
22
D7
23
D6
24
D5
25
D4
26
D3
27
D2
28
D1
29
D0
30
CS
31
RESET
32
RS
33
WR/SCL
34
RD
35
VSYNC
36
HSYNC
37
DOTCLK
38
ENABLE
39
VCC
40
VCC
41
VSS
42
LED_K
43
LED_A
44
VSS
45
CN2
FF0245SS1
R4
0
R1
10K
VDD
RP1
10K
RP2
10K
RP4
10K
PD0
PD2
PD4
PD6
PD8
PD9
PD10
PD11
PD12
PD13
PD14
PD15
PD16
PD17
Enable
DotClk
HSYNC
VSYNC
VDD
C3
1uF/50V
R3
4K7
R2
4K7
SDI
SDO
RD
RS
Solderedfor Serial interfaceonly
Solderedfor i80-system 16-bit interface
The 34-pin connector to motherboard for both
serial and 16 - bit interface. Compatible with
MB694 with touchscreen signals added on
pin 31-34.
CS
RS
WR
RD
#RESET
VDD
BLGND
BLVDD
BL_Control
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
PD10
PD11
PD12
PD13
PD14
PD15
PD16
PD17
SDO
SDI
A
K
Z1
STPS1L40M
C1
4.7uF/50V
L1
4.7uH(1A)
R7
10
BLGND
BLVDD
R6
100K
C2
2.2uF
R5
0
R8
do notfit
BLVDD
BL_Control
BLGND
BLGND
BLGND
AM-240320D4TOQW-T00H(R)
Vi
1
Rset
2
GND
3
FB
4
NC
5
Vo
6
EN
7
SW
8
PGND
9
U1
STLD40DPMR
CS
1
RS
2
WR/SCL
3
RD
4
RESET
5
VDD
24
VCI
25
GND
26
GND
27
BL_VDD
28
BL_Control
23
BL_GND
22
PD1
6
PD2
7
PD3
8
PD4
9
PD5
10
PD6
11
PD7
12
PD8
13
PD10
14
PD11
15
PD12
16
PD13
17
PD14
18
PD15
19
PD16
20
PD17
21
SDO
29
SDI
30
XL
31
XR
32
YD
33
YU
34
CN1
3.2LCD_connector
YU
YD
XR
XL
LCD board connector to mother board
RP3
10K
RP6
10K
RP5
10K
PD1
PD3
PD5
PD7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com