Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3311 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 3Page - STMicroelectronics AN3311 Datasheet HTML 4Page - STMicroelectronics AN3311 Datasheet HTML 5Page - STMicroelectronics AN3311 Datasheet HTML 6Page - STMicroelectronics AN3311 Datasheet HTML 7Page - STMicroelectronics AN3311 Datasheet HTML 8Page - STMicroelectronics AN3311 Datasheet HTML 9Page - STMicroelectronics AN3311 Datasheet HTML 10Page - STMicroelectronics AN3311 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
AN3311
ZigBee smartplug
Doc ID 18209 Rev 1
7/58
2
ZigBee smartplug
2.1
Smartplug description
The smartplug coordinator is connected via an SPI to the STM3210C-EVAL through an “Ad-
Hoc” adapter.
In Figure 1 it is possible to take a quick look at the STM3210C-EVAL board and a smartplug
node block diagram.
Figure 1.
STM3210C-EVAL block scheme
An adapter is connected to the extended connectors CN8 and CN9 on the STM3210C-
EVAL (for more detailed information please refer to the UM0600 user manual), it allows the
connection of a ZigBee smartplug coordinator and the I2C/RF dual interface EEPROM
M24LR64-r. The Gerber files of the adapter board are included in the setup package of this
project.
The ZigBee smartplug board can be used as a guide to build a home/building automation
subsystem for energy management. In a typical application, the board is plugged into an
electrical wall socket and supplies an electrical load, monitoring the energy consumption;
using several smartplugs it is possible to monitor and control the home/building energy
consumption socket by socket. The board includes the following functions, shown in the
block diagram of Figure 2:
Energy measurement
Load differential current
Load driving by relay or TRIAC (dimming)
ZigBee communication capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com