Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3311 Datasheet(PDF) 51 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 47Page - STMicroelectronics AN3311 Datasheet HTML 48Page - STMicroelectronics AN3311 Datasheet HTML 49Page - STMicroelectronics AN3311 Datasheet HTML 50Page - STMicroelectronics AN3311 Datasheet HTML 51Page - STMicroelectronics AN3311 Datasheet HTML 52Page - STMicroelectronics AN3311 Datasheet HTML 53Page - STMicroelectronics AN3311 Datasheet HTML 54Page - STMicroelectronics AN3311 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
9.7
I/O peripherals
Figure 32.
I/O peripherals
AM08516v1
+3V3
R108
100
COMMON
5
Selection
2
DWON
3
LEFT
1
RIGHT
4
UP
6
U15
MT008-A
R102
0
R101
0
R100
0
R99
0
R98
0
JOY_SEL
JOY_DOWN
JOY_LEFT
JOY_RIGHT
JOY_UP
To IO expander
1
2
LD3
Red
1
2
LD2
Orange
1
2
LD4
Blue
1
2
LD1
Green
R94
330
R95
680
R96
680
R97
680
LED4
LED3
LED1
LED2
PD7
PD13
PD3
PD4
CN10
VB334
BNC1
CN11
VB334
BNC2
SB4
R112
50
R113
50
SB3
PA7
PB0
EEPROM_SCK
EEPROM_SDA
E0
1
E1
2
E2
3
VSS
4
SDA
5
SCL
6
WC
7
VCC
8
U17
M24C64-WMN6
+3V3
R107
10K
JP17
C91
100nF
PB6
PB7
MEMS_SCK
MEMS_SDA
MEMS_INT1
MEMS_INT2
VDD_IO
1
GND
2
Reserved
3
GND
4
GND
5
VDD
6
CS
7
INT1
8
INT2
9
GND
10
Reserved
11
SDO
12
SDA
13
SCL
14
U16
LIS302DL
+3V3
R106
10K
+3V3
C92
100nF
PB7
PB6
To IO expander
R117
220K
B2
WKUP
C59
[N/A]
+3V3
R109
100
R114
4K7
B3
USER
C57
100nF
+3V3
R110
100
R115
4K7
B4
Tamper
C58
100nF
+3V3
R111
100
R116
330
R104
0
R105
0
Anti_Tamper
WAKEUP
User_Button
3
1
C
P
9
B
P
PA0
2
RV1
10K
R103
0
+3V3
Potentiometer
C60
10nF
PC4
R86
1K
Joystick
LEDs
BNC
EEPROM
MEMS
Button
Potentiometer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com