Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3311 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3311
Description  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 4Page - STMicroelectronics AN3311 Datasheet HTML 5Page - STMicroelectronics AN3311 Datasheet HTML 6Page - STMicroelectronics AN3311 Datasheet HTML 7Page - STMicroelectronics AN3311 Datasheet HTML 8Page - STMicroelectronics AN3311 Datasheet HTML 9Page - STMicroelectronics AN3311 Datasheet HTML 10Page - STMicroelectronics AN3311 Datasheet HTML 11Page - STMicroelectronics AN3311 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
ZigBee smartplug
AN3311
8/58
Doc ID 18209 Rev 1
Figure 2.
Block diagram
The STEVAL-IHP001V3 is a smartplug board based on an STM32F10x microcontroller, a
SPZB260 ZigBee module, and an STPM01 energy metering IC.
It implements a ZigBee metering node which allows the final user to monitor and manage
energy consumption.
The board has been developed as a guide to build a home/building automation subsystem
for energy management. In a typical home system implementation, the board is plugged into
an electrical wall socket and supplies a home appliance or other generic electrical load.
The current, power, energy, and other information, related to the electrical load connected to
the smartplug board, can be displayed locally on an LCD screen, and are sent to a ZigBee
data concentrator through the home/building ZigBee network.
2.2
ZigBee module
ZigBee smartplug communication is based on the SPZB260 module with a DIL adapter. The
module is FCC compliant (FCC ID:S9NZB260A). The module is based on the SN260
ZigBee network processor which integrates a 2.4 GHz, IEEE 802.15.4 compliant
transceiver, as well as IEEE 802.15.4 PHY and MAC. The main features are:
●
0dBm nominal TX output power
●
-92dBm RX sensitivity
●
+2dBm TX output power in boost mode
●
RX filtering for co-existence with IEEE 802.11g and Bluetooth® devices.
For further details please refer to the SPZB260 module and the SN260 network processor
datasheet.
Note:
For more information, see the UM0608 user manual, STEVAL-IHP001V3 schematics
diagram, and AN2993 application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com