Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3322 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3322 Datasheet HTML 1Page - STMicroelectronics AN3322 Datasheet HTML 2Page - STMicroelectronics AN3322 Datasheet HTML 3Page - STMicroelectronics AN3322 Datasheet HTML 4Page - STMicroelectronics AN3322 Datasheet HTML 5Page - STMicroelectronics AN3322 Datasheet HTML 6Page - STMicroelectronics AN3322 Datasheet HTML 7Page - STMicroelectronics AN3322 Datasheet HTML 8Page - STMicroelectronics AN3322 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
May 2013
DocID18304 Rev 1
1/38
AN3322
Application note
Watt-hour meter based on the STM32F101 microcontroller
By Ludek Holoubek
Introduction
This document describes, in detail, the hardware and software implementation of a watt-
hour meter using the STM32F101 microcontroller. This cost effective watt-hour meter uses
shunt with an operational amplifier as a current sensor, an embedded 12-bit ADC for current
and voltage measurement, GPIO for LCD management, and a lot of other peripherals for
communication, tamper detection, keyboard, and power disconnection. Powerful
architecture of the STM32™ microcontroller allows sampling at 1 Msps. The high sampling
rate makes it possible to use methods for ADC resolution enhancement.
Main features
 Metrological parts
– Microcontroller and external op amp only
– Compliant with EN 50470-1:2006 Class B, precision better than 1%
– Starting current 20 mA, nominal current 5 A, maximum current 100 A
– Reads the voltage and the current signal up to the 21st harmonic
– Shunt as a current sensor. CT and Rogowski coil is optional
 Additional parts included in reference design
– LCD driven directly by microcontroller
– Keyboard driven directly by microcontroller
– An extra external EEPROM for user data
– Bi-stable relay, IR communication, serial communication
– Backup battery, complete power meter power management
www.st.com


Similar Part No. - AN3322

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN332 SILABS-AN332 Datasheet
3Mb / 302P
Si47XX PROGRAMMING GUIDE
logo
STMicroelectronics
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
This application note is intended for system designers
22-Aug-2011
AN3321 STMICROELECTRONICS-AN3321 Datasheet
262Kb / 8P
How to enable remote reset from JTAG on
25-Nov-2010
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
Implementing power-on self tests
25-Sep-2013
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
SPC56EL60x hardware design guideline
10-Sep-2014
More results

Similar Description - AN3322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
TMS570LC4357 TI1-TMS570LC4357 Datasheet
10Mb / 227P
Hercules Microcontroller Based on the ARM짰 Cortex-R Core
logo
STMicroelectronics
STEVAL-CCM001V1 STMICROELECTRONICS-STEVAL-CCM001V1 Datasheet
252Kb / 5P
Digital photo frame demonstration board based on the STM32F103RB microcontroller
21-Nov-2008
STEVAL-CDE001V1 STMICROELECTRONICS-STEVAL-CDE001V1 Datasheet
265Kb / 7P
Embedded web server based on the ST72F321M9 microcontroller
January 2008 Rev 1
STEVAL-IHM037V1 STMICROELECTRONICS-STEVAL-IHM037V1 Datasheet
280Kb / 5P
Ceiling fan remote control unit based on the STM8 microcontroller
11-Feb-2013
STEVAL-IPE010V1 STMICROELECTRONICS-STEVAL-IPE010V1 Datasheet
99Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
June 2010 Rev 1
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
logo
Sames
RM4104ASEB SAMES-RM4104ASEB Datasheet
252Kb / 16P
Low-Cost Watt-Hour Energy Meter
RM4301ASEA SAMES-RM4301ASEA Datasheet
461Kb / 19P
Low-Cost Three-Phase Watt-Hour Energy Meter
logo
STMicroelectronics
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com