Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3322 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 29Page - STMicroelectronics AN3322 Datasheet HTML 30Page - STMicroelectronics AN3322 Datasheet HTML 31Page - STMicroelectronics AN3322 Datasheet HTML 32Page - STMicroelectronics AN3322 Datasheet HTML 33Page - STMicroelectronics AN3322 Datasheet HTML 34Page - STMicroelectronics AN3322 Datasheet HTML 35Page - STMicroelectronics AN3322 Datasheet HTML 36Page - STMicroelectronics AN3322 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
DocID18304 Rev 1
33/38
AN3322
Computational issues and compensation algorithms
Figure 21. Error of instant power caused by phase shift for PF = 0.5
2.7.3
Phase shift correction - filter implementation
The phase shift in the time domain is not as simple as in the frequency domain or in
a system where more ADC are employed for current and voltage measurements. In this HW
implementation we need to use an approach that allows us effectively interpolate values of
the voltage so that they are correctly aligned to current. This approach is described in
a separate document supplied on request.
The phase compensation range that may be reached with this approach is:
With the step of 0.73 µs (0.013 deg.)
Maximum positive shift = -6.2 µs (0.11 deg.)
Maximum negative shift = +6.2 µs (0.11 deg.)
With the step of 0.77 µs (0.014 deg.)
Maximum positive shift = -12.4 µs (0.22 deg.)
Maximum negative shift = +12.4 µs(0.22 deg.)
When a higher value of the phase shift needs to be compensated, an extension to the
method used is introduced.
2.8
Calibration procedure
Calibration (computation of the correction factor between measured and expected output) is
a very important process and its correct performance results in the overall desired precision.
Even when the power meter measures the current and voltage with the maximum error
0.5%, we need to perform calibration on an even higher level of accuracy. If this is not done,
calibrate the meter with the error of 0.5%, in the worst case (over the whole measured
range) the maximum error may be an additional 0.5%, which results in an error of 1%
(0.5 + 0.5) in total. This means that the measured value should be used for calibration after
its error is the lowest possible. This happens after averaging the value over a longer period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com