Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3322 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 25Page - STMicroelectronics AN3322 Datasheet HTML 26Page - STMicroelectronics AN3322 Datasheet HTML 27Page - STMicroelectronics AN3322 Datasheet HTML 28Page - STMicroelectronics AN3322 Datasheet HTML 29Page - STMicroelectronics AN3322 Datasheet HTML 30Page - STMicroelectronics AN3322 Datasheet HTML 31Page - STMicroelectronics AN3322 Datasheet HTML 32Page - STMicroelectronics AN3322 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
DocID18304 Rev 1
29/38
AN3322
Computational issues and compensation algorithms
2.6
Filtering of input signal for proper zero crossing detection
Proper detection of the zero crossing is the key parameter in order to measure and compute
all the values correctly. Possible problems are caused when the voltage channel contains
more harmonics and such a signal with these harmonics crosses the zero voltage line more
times. Figure 16 shows the voltage signal that is crossing the zero line twice. The same
situation can be caused not only by higher harmonics but also by noise present in all the
circuitry.
Figure 16. Voltage signal crossing zero voltage line twice
In order to avoid an incorrect zero crossing detection, a filter was introduced. The filter is the
simple moving average. The length of the filter is 18. Since the number of the samples per
period of mains is 44, the filter removes all the harmonics starting at 50 Hz with growing
attenuation. Figure 17 shows the signal after the filtering that allows for failure-less zero
crossing detection.
Figure 17. Voltage signal used for correct zero crossing after proper filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com