Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3322 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 21Page - STMicroelectronics AN3322 Datasheet HTML 22Page - STMicroelectronics AN3322 Datasheet HTML 23Page - STMicroelectronics AN3322 Datasheet HTML 24Page - STMicroelectronics AN3322 Datasheet HTML 25Page - STMicroelectronics AN3322 Datasheet HTML 26Page - STMicroelectronics AN3322 Datasheet HTML 27Page - STMicroelectronics AN3322 Datasheet HTML 28Page - STMicroelectronics AN3322 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
DocID18304 Rev 1
25/38
AN3322
Computational issues and compensation algorithms
Figure 13. Error of URMS vs. the timer error in timer ticks
Figure 14. Error of URMS(1)
1. Detail of Figure 13 (zoom in x-axis).
Table 4 shows that the precision of the timer resolution is enough to make coherent
sampling in order to reach the requirements for precision. There is no need for additional
correction or approximation of the samples, unless the future requirements for the higher
accuracy class of the meter appear. The system is always able to synchronize to the
network frequency with the error of the three steps of the timer constants. This leads to the
error of URMS three times 0.004% (according to Table 4) (that means an error URMS value of
0.012%). This is still ten times lower than other influences to the system that can affect
overall precision.
2.3
Timer setting constraints for coherent sampling triggering
The automatic system that is implemented to synchronize sampling with the network
(negative feedback introduced in Section 2.4) sets one parameter. This parameter is the
reload constant of the timer for sampling triggering. Allowed values of this constant should
be limited to an interval avoiding incorrect system behavior in case it is set to a very different
value from the ideal one.
The limits of the timer reload constant are computed from variation of the STM32
microcontroller main system clock and from allowed variation of the network frequency
prescribed by international standards.
Sample time precision (steps of 16-bit timer at the 36 MHz STM32 device)
Sample time precision (steps of 16-bit timer at the 36 MHz STM32 device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com