Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3961 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3961
Description  STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3961 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3961 Datasheet HTML 24Page - STMicroelectronics AN3961 Datasheet HTML 25Page - STMicroelectronics AN3961 Datasheet HTML 26Page - STMicroelectronics AN3961 Datasheet HTML 27Page - STMicroelectronics AN3961 Datasheet HTML 28Page - STMicroelectronics AN3961 Datasheet HTML 29Page - STMicroelectronics AN3961 Datasheet HTML 30Page - STMicroelectronics AN3961 Datasheet HTML 31Page - STMicroelectronics AN3961 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Hardware layout and configuration
AN3961
28/46
DocID022083 Rev 3
externally forcing THSD to a positive low-voltage supply, the thermal protection is
disabled.
–
D_CTR can be used to optimize 2nd HD performance by tuning the fall
propagation delay (TDF - see the STHV748 datasheet for further details). If
D_CTR is equal to ground, TDF has the nominal value. If D_CTR is varied from 2
V to 4.2 V, TDF can be changed from -1 ns to +600 ps, with respect to the nominal
value.
–
EXPOSED-PAD is internally connected to the substrate. It can be floating or
connected to a 100 V capacitance toward ground, in order to reduce noise during
the receiving phase.
The fixed configuration of these pins is described Table 14.
Table 14. STHV748 special pin configuration
Special pins on the demo PCB
Name
Description
Status on board
INT_BIAS
(pin 64)
With INT_BIAS=1, the IC internally generates the
reference voltages on REF_HVP1/0 (pin 7, 10, 39,
42) and REF_HVM1/0 (pin 2, 15, 34, 47). These
voltages are set VDDP below HVP and VDDP
above HVM, respectively:
REF_HVM# = HVM# + VDDP REF_HVP# = HVP#
- VDDP
When INT_BIAS=0, it is required that an external
voltage is applied to REF_HVM# and REF_HVP#
pins
Active – forced to 3 V through
R57=10 k
Ω
THSD
(pin 32)
Thermal shutdown pin
Active (J24 closed between 1 to 2 –
forced to 3 V through R58=10 k
Ω).
The user can monitor the THSD
status on TP3 (test point).
Moreover, the user can give the
control to FPGA by shorting J24
between 2 and 3
D_CTR
(pin 16)
Delay control pin
Not active – forced directly to
ground
EXPOSED-PAD
Substrate
Not active – connected to ground
through C82=0.22 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com