Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3961 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3961
Description  STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3961 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3961 Datasheet HTML 31Page - STMicroelectronics AN3961 Datasheet HTML 32Page - STMicroelectronics AN3961 Datasheet HTML 33Page - STMicroelectronics AN3961 Datasheet HTML 34Page - STMicroelectronics AN3961 Datasheet HTML 35Page - STMicroelectronics AN3961 Datasheet HTML 36Page - STMicroelectronics AN3961 Datasheet HTML 37Page - STMicroelectronics AN3961 Datasheet HTML 38Page - STMicroelectronics AN3961 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
DocID022083 Rev 3
35/46
AN3961
Connectors
46
23
DATAOUT4 (IN2B)
24
GND
25
3.3V
26
DATAOUT12 (IN4)
27
CLKOUT
28
3.3 V
29
TRIGGEROUT
30
GND
31
DATAOUT0 (IN1A)
32
GND
33
DATAOUT1 (IN2A)
34
DATAOUT3 (IN1B)
Table 20. STHV748 I/O connector pinout (continued)
Pin number
Description (STHV748 pin)
Pin number
Description (STHV748 pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com