Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3961 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3961
Description  STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3961 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3961 Datasheet HTML 25Page - STMicroelectronics AN3961 Datasheet HTML 26Page - STMicroelectronics AN3961 Datasheet HTML 27Page - STMicroelectronics AN3961 Datasheet HTML 28Page - STMicroelectronics AN3961 Datasheet HTML 29Page - STMicroelectronics AN3961 Datasheet HTML 30Page - STMicroelectronics AN3961 Datasheet HTML 31Page - STMicroelectronics AN3961 Datasheet HTML 32Page - STMicroelectronics AN3961 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
DocID022083 Rev 3
29/46
AN3961
Hardware layout and configuration
46
Figure 17. STHV748 single channel block diagram
The STHV748 output waveforms can be displayed directly for each channel Ch A/B/C/D
using an oscilloscope by connecting the scope probe to the J22, J23, J25, and J26 BNC
connectors. Also, the user can select whether or not to connect the on-board equivalent
load, a 270 pF, 200 V capacitor paralleled with a 100
Ω, 2 W resistor (through J20, J21, J27,
J28). A coaxial cable can also be used to easily connect the user’s transducer. Additionally,
four more low voltage outputs are available to receive the echo transduced signal coming
from the piezo-element through HVR_SW (J16, J17, J29, J30).
The main issues in this PCB design are the capacitance values, to ensure good filtering and
an effective decoupling between the low voltage inputs (IN1, IN2, IN3, IN4, and EN for each
channel) and the HV switching signals (XDCR, HVOUT, etc.,) which is ensured by the layer
separation used.
3.6
Operating supply conditions
Table 15. DC working supply conditions
Operating supply voltages
Symbol
Parameter
Min.
Typ.
Max.
Value
VDDP
Positive supply voltage
2.7
3
3.6
V
VDDM
Negative supply voltage
-2.7
-3
-3.6
V
VDD
Positive logic voltage
2.4
3
Min (3.6,VDDP+0.3)
V
HVP0
TX0 high voltage positive supply
95
V
HVP1
TX1 high voltage positive supply
95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com