Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3961 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3961
Description  STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3961 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3961 Datasheet HTML 26Page - STMicroelectronics AN3961 Datasheet HTML 27Page - STMicroelectronics AN3961 Datasheet HTML 28Page - STMicroelectronics AN3961 Datasheet HTML 29Page - STMicroelectronics AN3961 Datasheet HTML 30Page - STMicroelectronics AN3961 Datasheet HTML 31Page - STMicroelectronics AN3961 Datasheet HTML 32Page - STMicroelectronics AN3961 Datasheet HTML 33Page - STMicroelectronics AN3961 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Hardware layout and configuration
AN3961
30/46
DocID022083 Rev 3
Note:
The high voltage pins must be HVP0
≥ HVP1 and HVM1 ≥ HVM0
HVM0
TX0 high voltage negative supply
-95
V
HVM1
TX1 high voltage negative supply
-95
V
Table 15. DC working supply conditions (continued)
Operating supply voltages
Symbol
Parameter
Min.
Typ.
Max.
Value
Table 16. Current consumption in CW mode, @ 5 MHz, HVP/M1
Current consumption
Symbol
Parameter
Value
IVDDP
Positive supply current
8.6
mA
IVDDM
Negative supply current
13.5
mA
IDVDD
Positive logic current
0.11
mA
IHVP1
TX1 high voltage positive supply current
14.5
mA
IHVM1
TX1 high voltage negative supply current
11
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com