Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3972 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3972
Description  This document describes how to use the STM3210C-EVAL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3972 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3972 Datasheet HTML 2Page - STMicroelectronics AN3972 Datasheet HTML 3Page - STMicroelectronics AN3972 Datasheet HTML 4Page - STMicroelectronics AN3972 Datasheet HTML 5Page - STMicroelectronics AN3972 Datasheet HTML 6Page - STMicroelectronics AN3972 Datasheet HTML 7Page - STMicroelectronics AN3972 Datasheet HTML 8Page - STMicroelectronics AN3972 Datasheet HTML 9Page - STMicroelectronics AN3972 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Hardware kit
AN3972
6/21
Doc ID 022161 Rev 1
2.2
SPZB260-PRO adapter
This board allows to add the ZigBee connectivity to the STM3210C-EVAL board; it includes
the connectors for the SPZB260-PRO module and the M24LR64-R dual interface EEPROM.
Figure 2 shows the adapter layout.
Figure 2.
SPZB260-PRO adapter layout
Figure 3 shows how to connect to the STM3210C-EVAL board.
Table 2.
SPZB260-PRO adapter pin description
STM32 pin no.
Pin name
STM3210C-EVAL
I/O assignment
Extension
connector pin no.
ZigBee adapter I/O
assignment
-
VDD
3.3 V
CN8-Pin 48
VCC_3V3
-
VSS
GND
CN9-Pin 50
GND
29
PA4
SPI1_NSS
CN9-Pin 41
ZIG_SS
30
PA5
SPI1_CLK
CN9-Pin 40
ZIG_SCLK
31
PA6
SPI1_MISO
CN9-Pin 38
ZIG_MISO
32
PA7
SPI1_MOSI
CN9-Pin 37
ZIG_MOSI
92
PB6
CAN2_TX/I2C1_SCK
CN8-Pin 36
I2C1_SCK
93
PB7
I2C1_SDA
CN8-Pin 37
I2C1_SDA
2
PE3
Trace_D0
CN8-Pin 42
ZIG_HOST_INT
3
PE4
Trace_D1
CN8-Pin 43
VCC-GPIO (for M24LR64-r)
4
PE5
Trace_D2
CN8-Pin 44
ZIG_WAKE
5
PE6
Trace_D3
CN8-Pin 47
ZIG_RSTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com