Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0097 Datasheet(PDF) 115 Page - STMicroelectronics

Part # UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 111Page - STMicroelectronics UM0097 Datasheet HTML 112Page - STMicroelectronics UM0097 Datasheet HTML 113Page - STMicroelectronics UM0097 Datasheet HTML 114Page - STMicroelectronics UM0097 Datasheet HTML 115Page - STMicroelectronics UM0097 Datasheet HTML 116Page - STMicroelectronics UM0097 Datasheet HTML 117Page - STMicroelectronics UM0097 Datasheet HTML 118Page - STMicroelectronics UM0097 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 229 page
background image
UM0097
Peripheral firmware overview
115/229
TIM_OPModeConfig
Example:
This example illustrates how to configure the TIM3 one pulse mode to generate an external
wave with a pulse length of 0xABC in terms of timer period. The pulse generation is
activated by a rising edge on the input capture A pin.
{
...
TIM_OPModeConfig (TIM3, 0xABC, TIM_HIGH, TIM_LOW, TIM_RISING);
...
}
Function Name
TIM_OPModeConfig
Function Prototype
void TIM_OPModeConfig (TIM_TypeDef *TIMx,
u16 XpulseLength,
TIM_Logic_Levels XLevel1,
TIM_Logic_Levels XLevel2,
TIM_Clock_Edges Xedge);
Behavior Description
This routine is used to configure the one pulse mode.
Input Parameter 1
TIMx specifies the TIM to be configured. Refer to TIM values on
page 103 for more details on the allowed values of this parameter.
Input Parameter 2
XpulseLength: specifies the pulse length.
Input Parameter 3
XLevel1: specifies the output level on the OCMPA pin during the pulse.
Refer to Logic levels enumeration on page 105 for more details on the
allowed values of this parameter.
Input Parameter 4
XLevel2: specifies the output level on the OCMPB pin after the pulse.
Refer to Logic levels enumeration on page 105 for more details on the
allowed values of this parameter.
Input Parameter 5
Xedge: specifies the edge to be detected by the input capture A pin.
Refer to Clock edges enumeration on page 104 for more details on the
allowed values of this parameter.
– TIM_RISING: a rising edge will activate the one pulse mode
– TIM_FALLING: a falling edge will activate the one pulse mode
Output Parameter
None
Return Value
None
Required preconditions
None
Called Functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com