Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0097 Datasheet(PDF) 116 Page - STMicroelectronics

Part # UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 112Page - STMicroelectronics UM0097 Datasheet HTML 113Page - STMicroelectronics UM0097 Datasheet HTML 114Page - STMicroelectronics UM0097 Datasheet HTML 115Page - STMicroelectronics UM0097 Datasheet HTML 116Page - STMicroelectronics UM0097 Datasheet HTML 117Page - STMicroelectronics UM0097 Datasheet HTML 118Page - STMicroelectronics UM0097 Datasheet HTML 119Page - STMicroelectronics UM0097 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 229 page
background image
Peripheral firmware overview
UM0097
116/229
TIM_PWMOModeConfig
Example:
This example illustrates how to configure the TIM3 to generate a PWM with a period of
0xFFF timer period and a duty cycle of 50%.
{
...
TIM_PWMOModeConfig (TIM3, 0x7FF, TIM_HIGH, 0xFFF, TIM_LOW);
...
}
Function Name
TIM_PWMOModeConfig
Function Prototype
void TIM_PWMOModeConfig (TIM_TypeDef *TIMx, u16
XDutyCycle, TIM_Logic_Levels XLevel1, u16
XFullperiod, TIM_Logic_Levels XLevel2);
Behavior Description
This routine is used to configure the PWM output mode.
Input Parameter 1
TIMx specifies the TIM to be initialized. Refer to TIM values on
page 103 for more details on the allowed values of this parameter.
Input Parameter 2
XDutyCycle: specifies the PWM signal duty cycle.
Input Parameter 3
XLevel1: specifies the PWM signal level during the duty cycle.
Refer to Logic levels enumeration on page 105 for more details on the
allowed values of this parameter.
Input Parameter 4
XFullperiod: specifies the PWM signal full period.
Input Parameter 5
XLevel2: specifies the PWM signal level out of the duty cycle.
Refer to Logic levels enumeration on page 105 for more details on the
allowed values of this parameter.
Output Parameter
None
Return Value
None
Required preconditions
None
Called Functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com