Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0238 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0238
Description  STR91x demonstration software
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0238 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0238 Datasheet HTML 1Page - STMicroelectronics UM0238 Datasheet HTML 2Page - STMicroelectronics UM0238 Datasheet HTML 3Page - STMicroelectronics UM0238 Datasheet HTML 4Page - STMicroelectronics UM0238 Datasheet HTML 5Page - STMicroelectronics UM0238 Datasheet HTML 6Page - STMicroelectronics UM0238 Datasheet HTML 7Page - STMicroelectronics UM0238 Datasheet HTML 8Page - STMicroelectronics UM0238 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
October 2006
Rev 2
1/20
UM0238
User manual
STR91x demonstration software
Introduction
This document describes the demonstration software running on the STR910-EVAL
evaluation board, which you can use to evaluate the capabilities of the microcontroller and
the on-board peripherals.
The demonstration software contains a main application divided into various smaller
applications. The demonstration software is already stored in the embedded flash memory
of the microcontroller and can also be downloaded from http:\\www.st.com\mcu then
programmed into the STR91x internal flash.
Important note: For users with old STR9-eval boards having STR9 MCU with marking
showing "ES_D" or a value less than 618:
Revision 1.2 of the STR9 demonstration software is configured to run at 96 MHz for CPU
and FMI clock. This implies that pressing the Reset button will not restart the MCU (please
refer to the STR9 errata sheet v2.0).
In order to correct this problem, you should uncomment the following line of code in the
main.c file.
//SCU_FMICLKDivisorConfig(SCU_FMICLK_Div2);
www.st.com


Similar Part No. - UM0238

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0231 STMICROELECTRONICS-UM0231 Datasheet
477Kb / 15P
User manual AD-ICD in-circuit debugging adapter
06-Sep-2006
logo
Zilog, Inc.
UM023402-0811 ZILOG-UM023402-0811 Datasheet
1Mb / 26P
Z16FMC??Series Motor Control Development Kit
logo
STMicroelectronics
UM0239 STMICROELECTRONICS-UM0239 Datasheet
2Mb / 44P
ST7540 Power Line Modem Demokit
24-Jul-2006
More results

Similar Description - UM0238

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
STMicroelectronics
STEVAL-ICB008V1 STMICROELECTRONICS-STEVAL-ICB008V1 Datasheet
136Kb / 6P
Touch-sensing software library demonstration board based on the STM8S
18-Nov-2010
AN2339 STMICROELECTRONICS-AN2339 Datasheet
236Kb / 20P
STR91x hardware development getting started
10-May-2006
AN2593 STMICROELECTRONICS-AN2593 Datasheet
152Kb / 15P
STR91x interrupt management
26-Jan-2009
UM0224 STMICROELECTRONICS-UM0224 Datasheet
358Kb / 34P
STR75x Demonstration Software
20-Sep-2006
UM0304 STMICROELECTRONICS-UM0304 Datasheet
204Kb / 19P
STR91x DSP library
09-Jun-2008
UM0897 STMICROELECTRONICS-UM0897 Datasheet
711Kb / 25P
Embedded Ethernet web client based on the STR91x
05-Jul-2010
logo
TEKTRONIX, INC.
DATAVU-PC TEKTRONIX-DATAVU-PC Datasheet
679Kb / 8P
Software
logo
Maxim Integrated Produc...
DS1925EVKIT MAXIM-DS1925EVKIT Datasheet
526Kb / 4P
Free Download of 1-Wire Drivers and OneWireViewer Demonstration Software
Rev 0; 3/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com