Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0238 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0238
Description  STR91x demonstration software
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0238 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0238 Datasheet HTML 10Page - STMicroelectronics UM0238 Datasheet HTML 11Page - STMicroelectronics UM0238 Datasheet HTML 12Page - STMicroelectronics UM0238 Datasheet HTML 13Page - STMicroelectronics UM0238 Datasheet HTML 14Page - STMicroelectronics UM0238 Datasheet HTML 15Page - STMicroelectronics UM0238 Datasheet HTML 16Page - STMicroelectronics UM0238 Datasheet HTML 17Page - STMicroelectronics UM0238 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Running the demonstrations
STR91x demonstration software
14/20
2.4
Demo applications
The following section provides a detailed description of each part of the demonstration.
Notes:
●
In the demonstration, the core runs at HCLK = 96 MHz.
●
Red LEDs: LD2, LD3, LD4 and LD5 are always blinking.
2.4.1
Calendar
The STR91x has an embedded Real Time Clock (RTC) which provides a set of continuously
running counters that can be used, with suitable software, to implement a clock-calendar
function. The counter values can be written to set the current time of the system.
This sub-menu is used to configure some miscellaneous functions such as time, date and
alarm.
Time
This sub-menu is divided in two items allowing the user to display or to adjust the current
time.
●
Time Adjust: After the evaluation board is powered up for the first time, the user has to
select this sub-menu to change the default time (00:00:00) to the current time. Once
"Time Adjust" is selected, the first digit of the hour field is ready to be changed.
Pressing the "UP" button will display the current value plus one. Pressing the "DOWN"
button will display the previous digit value. After choosing the digit value press "SEL",
the cursor jumps automatically to the next digit. When all the time digits are set, the
"Calendar" menu is shown. Some digit values are limited to a range of values
depending on the field (hour, minute or seconds). The following message (with the
default time or the current time) is displayed on the LCD when this sub-menu is
selected:
●
Time Show: this item displays the current time or the default time. The following
message is displayed on the LCD when this sub-menu is selected:
To exit from this sub menu, press the UP/DOWN push buttons.
Date
This sub-menu is divided in two items allowing the user to display or to adjust the current
date.
●
Date Adjust: This item has to be selected after each power-up in order to set the
current date. The user is asked to fill the current date to be stored in the application
memory. The date is displayed on 8 digits: Dayname MM DD YYYY. The default date
HH:MM:SS
Time Adjust
HH:MM:SS
Time Show



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com