Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0238 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0238
Description  STR91x demonstration software
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0238 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0238 Datasheet HTML 8Page - STMicroelectronics UM0238 Datasheet HTML 9Page - STMicroelectronics UM0238 Datasheet HTML 10Page - STMicroelectronics UM0238 Datasheet HTML 11Page - STMicroelectronics UM0238 Datasheet HTML 12Page - STMicroelectronics UM0238 Datasheet HTML 13Page - STMicroelectronics UM0238 Datasheet HTML 14Page - STMicroelectronics UM0238 Datasheet HTML 15Page - STMicroelectronics UM0238 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Running the demonstrations
STR91x demonstration software
12/20
2.2
Clock sources
2.2.1
Clock control
The STR91x internal clocks are derived from an on-board 25 MHz crystal source.
In this demo application, the system clock is configured as follow:
●
HCLK frequency is set to 96 MHz
●
FMICLK frequency is set to 96 MHz
●
PCLK is set to 48 MHz
●
USB clock (CK_USB) is set to 48 MHz (internal clock)
Only the RTC is clocked by a 32 kHz external oscillator.
Figure 4.
Clock control
1/2
1/2
(1,2,4)
AHBDIV
RCLKDIV
(1,2,4,8,16,1024)
fPLL
fMSTR
RCLK
HCLK
(1,2,4,8)
APBDIV
Peripheral
Clock
Gating
HCLK
to AHB
peripherals
PCLK
Peripheral
Clock
Gating
PCLK
to APB
peripherals
X1_CPU
X2_CPU
MII_PHYCLK
X1_RTC
X2_RTC
MAIN
OSC
OSC
RTC
PHYSEL
fOSC
fRTC
PLL
EXTCLK_T0T1
EXTCLK_T2T3
USB_CLK48M
to USB block
BRCLK
FMICLK
to Flash Memory
Baud rate clock to UARTs
Peripheral
Clock
Gating
FMICLK
Interface
to TIM0 & TIM1
Peripheral
Clock
Gating
TIM01CLK
to TIM2 & TIM3
Peripheral
Clock
Gating
TIM23CLK
Peripheral
Clock
Gating
48 MHz USBCLK
16-bit prescaler
1/2
MCLKSEL
25 MHz
4 to 25 MHz
32.768
to CPU
CPUCLK
Special interrupt
mode control
to RTC
fOSC
to WDG (software
selectable in WDG
register)
kHz
16-bit prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com