Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0290 Datasheet(PDF) 64 Page - STMicroelectronics

Part # UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button UM0290 Datasheet HTML 60Page - STMicroelectronics UM0290 Datasheet HTML 61Page - STMicroelectronics UM0290 Datasheet HTML 62Page - STMicroelectronics UM0290 Datasheet HTML 63Page - STMicroelectronics UM0290 Datasheet HTML 64Page - STMicroelectronics UM0290 Datasheet HTML 65Page - STMicroelectronics UM0290 Datasheet HTML 66Page - STMicroelectronics UM0290 Datasheet HTML 67Page - STMicroelectronics UM0290 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
USB voice demos
UM0290
64/76
7.4.1
General characteristics
●
USB characteristics:
–
Endpoint 0: used to enumerate the device and to respond to the class specific
requests. The maximum packet size of this endpoint is 64 bytes.
–
Endpoint 1 (IN): This endpoint is used to transfer the audio stream data converted
from the STR7/9 to the PC host with a maximum packet size up to 22 bytes.
●
Audio characteristics:
–
Audio data format: Type I / PCM8 format / Mono.
–
Audio data resolution: 8 bits.
–
Sample frequency: 22 kHz.
●
Hardware requirements:
To record the audio streams, the analog signal issued from the microphone is amplified
using a differential preamplifier. The resulting signal is converted by the built-in ADC
(channel 12). Figure 20 shows the hardware components used in the microphone
demo.
Figure 20.
Microphone hardware blocks
7.4.2
Implementation
Hardware implementation
The microphone hardware is already implemented in both the STR75x and the STR91x
evaluation board. There is no need to add any external hardware to run the demo in this
board.
Firmware implementation
The aim of the microphone demo is to convert the signal issued from the microphone and
send it via USB to the PAC host.
The audio sampling frequency declared in the
USB Micro Audio Type I Format Interface
Descriptor is 22 kHz (see USB microphone descriptors on page 70). This means that the
host asks the device for 22 audio streams (bytes) each of 1ms using endpoint 1. These
audio streams represent the digital value of the audio signal picked up by the microphone
every 45.45 µs.
To manage this functionality, the built-in ADC (channel) is configured in continuous
conversion mode and the Timer 1 is configured to generate an interrupt every 45.45 µs.
STR7/9
Differential Mi-
crophone Pre-
amplifier
Microphone
PC
USB
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com